Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 252 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 252 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 248Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 249Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 250Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 251Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 252Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 253Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 254Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 255Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 256Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
174
Freescale Semiconductor
•
Setting the TM field of the DC Register to enable Program Trace (DC[2]).
•
Using the PTS field of the WT Register to enable Program Trace on Watchpoint hits (ARM7
watchpoints are configured within the CPU).
NOTE
Setting DC[25] will select the traditional Branch Trace Messaging format
when in Thumb mode. By default, Branch History format is used
(DC[25]=1'b0). Full 32-bit ARM mode always utilizes the Branch History
Message format.
11.11.2.3.2
Addressing
The ARM7 architecture supports a processor mode switch into Thumb mode with the least significant bit
of the address bus set. The A7S Nexus3 module ignores this bit and always treats it as if it is zero (all
instruction addresses are aligned) for the purpose of program trace messaging.
The relative address feature is compliant with the IEEE-ISTO 5001 standard recommendations, and is
designed to reduce the number of bits transmitted for addresses of Indirect Branch Messages.
The address transmitted is relative to the target address of the instruction which triggered the previous
Indirect Branch (or Sync) Message. It is generated by XORing the new address with the previous address,
and then using only the results up to the most significant ‘1’ in the result. To recreate this address, an XOR
of the (most-significant 0-padded) message address with the previously decoded address gives the current
address.
Previous Address (A1) =0x0003FC01, New Address (A2) = 0x0003F365
Figure 11-34. Relative Address Generation and Re-creation
11.11.2.3.3
Branch/Predicate Instruction History (HIST)
In full 32-bit ARM mode (and optionally in Thumb mode), BTM messaging will use the Branch History
format. The branch history (HIST) packet in these messages provides a history of direct branch execution
used for reconstructing the program flow. This packet is implemented as a left-shifting shift register. The
register is always pre-loaded with a value of one (1). This bit acts as a stop bit so that the development
Message Generation:
A1 = 0000 0000 0000 0011 1111 1100 0000 0001
A2 = 0000 0000 0000 0011 1111 0011 0110 0101
A1
⊕ A2 = 0000 0000 0000 0000 0000 1111 0110 0100
Address Message (M1) = 1111 0110 0100
Address Re-creation:
A1
⊕ M1 = A2
A1 = 0000 0000 0000 0011 1111 1100 0000 0001
M1 = 0000 0000 0000 0000 0000 1111 0110 0100
A2 = 0000 0000 0000 0011 1111 0011 0110 0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com