Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 253 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 253 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 249Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 250Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 251Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 252Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 253Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 254Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 255Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 256Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 257Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
175
tools can determine which bit is the end of the history information. The pre-loaded bit itself is not part of
the history, but is transmitted with the packet.
A value of one (1) is shifted into the history buffer on a taken direct branch (conditional or unconditional)
and on any instruction whose predicate condition resolved as true. A value of zero (0) is shifted into the
history buffer on any instruction whose predicate condition executed as false as well as on branches not
taken. This will include indirect as well as direct branches not taken.
11.11.2.3.4
Sequential Instruction Count (I-CNT)
The I-CNT packet, is present in all BTM Messages. For traditional Branch Messages (Thumb mode only),
I-CNT represents the number of sequential ARM7 instructions, or non-taken branches in between
Direct/Indirect Branch Messages.
For Branch History Messages in Thumb mode, I-CNT represents the number of ARM7 instructions
executed since the last taken/non-taken direct branch, last taken indirect branch or exception. Not taken
indirect branches are considered sequential instructions and cause the instruction count to increment. For
Branch History Messages in ARM mode, I-CNT also represents the number of ARM7 instructions
executed since the last predicate instruction.
The sequential instruction counter overflows when its value reaches 255. The next BTM Message
following an instruction counter overflow will be converted to a synchronization type message.
NOTE
When an undefined instruction causes an exception, the undefined
instruction itself will be included in the BTM instruction count.
11.11.2.3.5
Program Trace Queueing
A7S Nexus3 implements a programmable depth queue (32 minimum entry recommended) for queuing all
messages. Messages that enter the queue are transmitted via the auxiliary pins in the order in which they
are queued.
11.11.2.4 Program Trace Timing Diagrams (2 MDO / 1 MSEO configuration)
Figure 11-35. Program Trace – Indirect Branch Message (Traditional)
00
01
00
00
00
00
00
00
10
01
01
10
10
TCODE = 4
source processor = 0000
# of sequential instructions = 128
relative address = 8'ha5
00
MCKO
MSEO_B
MDO[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com