Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 255 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 255 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 251Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 252Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 253Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 254Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 255Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 256Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 257Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 258Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 259Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
177
NOTE
Data Trace is only performed on the ARM7 bus. DMA accesses to the
Advanced High-performance Bus (AHB) are not traced.
11.11.3.2 DTM Message Formats
The A7S Nexus3 block supports five types of DTM Messages: Data Write, Data Read, Data Write
Synchronization, Data Read Synchronization and Error Messages.
11.11.3.2.1
Data Write Messages
The Data Write Message contains the data write value and the address of the write access, relative to the
previous Data Trace Message. Data Write Message information is messaged out in the following format:
11.11.3.2.2
Data Read Messages
The Data Read Message contains the data read value and the address of the read access, relative to the
previous Data Trace Message. Data Read Message information is messaged out in the following format:
11.11.3.2.3
DTM Overflow Error Messages
An Error Message occurs when a new message cannot be queued due to the message queue being full. The
FIFO will discard incoming messages until it has completely emptied the queue. Once emptied, an Error
Message will be queued. The error encoding will indicate which type(s) of messages attempted to be
queued while the FIFO was being emptied.
If only a Data Trace Message attempts to enter the queue while it is being emptied, the Error Message will
incorporate the Data Trace only error encoding (00010). If both OTM and Data Trace Messages attempt
to enter the queue, the Error Message will incorporate the OTM and Data Trace error encoding (00111). If
a Watchpoint also attempts to be queued while the FIFO is being emptied, then the Error Message will
incorporate error encoding (01000).
NOTE
The OVC bits within the DC Register can be set to delay the CPU by
asserting the FIFOFULL signal in order to alleviate (but not eliminate)
potential overruns.
(1–32 bits)
(1–32 bits)
(3 bits)
(4 bits)
(6 bits)
Data Value
Relative Address
Data Size
Src. Proc.
TCODE (000101)
Max length = 77 bits; Min length = 15 bits
Figure 11-39. Data Write Message Format
(1–32 bits)
(1–32 bits)
(3 bits)
(4 bits)
(6 bits)
Data Value
Relative Address
Data Size
Src. Proc.
TCODE (000110)
Max length = 77 bits; Min length = 15 bits
Figure 11-40. Data Read Message Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com