Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 258 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 258 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 254Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 255Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 256Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 257Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 258Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 259Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 260Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 261Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 262Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
180
Freescale Semiconductor
11.11.3.3.3
Relative Addressing
The relative address feature is compliant with the IEEE-ISTO 5001 standard recommendations, and is
designed to reduce the number of bits transmitted for addresses of Data Trace Messages. Refer to
Section 11.11.2.3.2, “Addressing,” for details.
11.11.3.3.4
Data Trace Windowing
Data Write/Read Messages are enabled via the RWT1(2) field in the Data Trace Control Register (DTC)
for each DTM channel. Data Trace windowing is achieved via the address range defined by the DTEA and
DTSA Registers and by the RC1(2) field in the DTC. All ARM7 initiated read/write accesses which fall
inside or outside these address ranges, as programmed, are candidates to be traced.
11.11.3.3.5
ARM7 Bus Cycle Cases
11.11.3.4 Data Trace Timing Diagrams (8 MDO / 2 MSEO configuration)
Figure 11-43. Data Trace – Data Write Message
Figure 11-44. Data Trace – Data Read w/ Sync Message
Table 11-41. ARM7 Bus Cycle Cases
Special Case
Action
ARM7 bus cycle aborted
Cycle ignored
ARM7 bus cycle completed without error
Cycle captured & transmitted
AHB bus cycle initiated by Nexus
Cycle ignored
ARM7 bus cycle is an instruction fetch
Cycle ignored
10101000
00000101
00010100
11101111
11
00
00
01
00
TCODE = 5
source processor = 0000
data size = 010 (halfword)
relative address = 8'ha5
write data = 16'hbeef
11
10111110
MCKO
MSEO_B[1:0]
MDO[7:0]
11000000
00001110
01011001 11010001
11
00
TCODE = 14
source processor = 0000
data size = 000 (byte)
full access address = 32'h01468ace
write data = 8'h5c
00101000
01
00000000
11
01011100
MCKO
MSEO_B[1:0]
MDO[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com