Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 259 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 259 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 255Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 256Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 257Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 258Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 259Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 260Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 261Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 262Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 263Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
181
Figure 11-45. Error Message (Data Trace only encoded)
11.11.4 Watchpoint Units
The A7S Nexus3 module includes watchpoint units for watchpoint messaging and processor breakpoints.
Watchpoint messages can be generated by either using the Nexus internal watchpoints or by ARM7
watchpoints. The A7S Nexus3 module supports using the internal and external watchpoint sources for
triggering the start and stop of program and data trace messaging (see Section 11.10.3.8, “Watchpoint
Trigger (WT)”). The occurrence of any watchpoint can be programmed to assert the event out (EVTO) pin.
11.11.4.1 Watchpoint Generation
11.11.4.1.1
Internal Watchpoint Units 1 and 2
Watchpoint units 1 and 2 can be configured to assert based on an address compare, a data compare, or both
address and data compare. Address comparisons may be masked on a bitwise basis with the BWAM
registers. A zero bit programmed in the BWAM registers will result in the corresponding address bit being
ignored during the associated address comparisons.
Data value comparisons can be masked on a byte basis with the BWDM registers. The data value compare
registers (BWD1 and BWD2) are 32 bit registers. A zero bit programmed in the BWDM registers will
result in the corresponding byte being ignored during the associated data value comparison. Only active
byte lanes are compared. Inactive byte lanes are considered mismatching bytes unless they are masked by
the BWDM registers.
The following compare modes are supported:
1. When the BWO field within a BWC register is initialized to an address only compare, a core access
address that matches the associated BWA register will cause an internal watchpoint signal to be
generated.
2. When the BWO field within a BWC register is initialized to a data only compare, a core access data
value that matches on the associated BWD registers will cause an internal watchpoint to be
generated.
3. When the BWO field within a BWC register is initialized to both address and data compare, a core
access that matches both the associated BWA and BWD registers will cause an internal watchpoint
to be generated.
Table 11-42 provides some example configurations for internal watchpoints.
00001000
00001000
11
00
11
TCODE = 8
source processor = 0000
error code = 2 (queue overrun, DTM only)
xxxxxxxx
xx
MCKO
MSEO_B[1:0]
MDO[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com