Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 263 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 263 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 259Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 260Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 261Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 262Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 263Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 264Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 265Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 266Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 267Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
185
2. The second pass through the DR then shifts the data in or out of the JTAG port, LSB first.
a) During a read access, data is latched from the selected Nexus register when the JTAG state
machine (see 11.12, “IEEE 1149.1 State Machine and RD/WR Sequences”) passes through the
“Capture-DR” state.
b) During a write access, data is latched into the selected Nexus register when the JTAG state
machine (see 11.12, “IEEE 1149.1 State Machine and RD/WR Sequences”) passes through the
“Update-DR” state.
11.11.5.3 Memory Mapped Register Access via JTAG
Using the Read/Write Access Registers (RWCS/RWA/RWD), memory mapped AHB resources can be
accessed through Nexus. The following steps are required to access memory mapped resources:
NOTE
Read/Write Access can only access memory mapped resources when
system reset is negated.
11.11.5.3.1
Single Write Access
1. Initialize the Read/Write Access Address Register (RWA) through the JTAG access method
outlined in Section 11.11.5.2, “Read/Write Access to Internal Nexus Registers,” using the Nexus
Register Index of 0x9 (see Table 11-21). Configure as follows:
— Write Address
→ 32'hxxxxxxxx (write address)
2. Initialize the Read/Write Access Control/Status Register (RWCS) through the JTAG access
method outlined in Section 11.11.5.2, “Read/Write Access to Internal Nexus Registers,” using the
Nexus Register Index of 0x7 (see Table 11-21). Configure the bits as follows:
— Access Control (AC)
→ 1'b1 (to indicate start access)
—Map Select (MAP)
→ 3'b000 (primary memory map)
Access: User read/write
76
54
321
0
R
NRI
R/W
W
Reset
000
00
000
Figure 11-49. JTAG Data Register (DR)
Table 11-45. JTAG Data Register Field Description
Field
Description
7–1
NRI
Nexus Register Index
nn
Selected from values in Table 11-21
0
R/W
R/W – Read Write
0Read
1Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com