Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 265 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 265 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 261Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 262Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 263Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 264Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 265Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 266Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 267Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 268Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 269Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
187
11.11.5.3.3
Single Read Access
1. Initialize the Read/Write Access Address Register (RWA) through the JTAG access method
outlined in Section 11.11.5.2, “Read/Write Access to Internal Nexus Registers,” using the Nexus
Register Index of 0x9 (see Table 11-21). Configure as follows:
— Read Address
→ 32'hxxxxxxxx (read address)
2. Initialize the Read/Write Access Control/Status Register (RWCS) through the JTAG access
method outlined in Section 11.11.5.2, “Read/Write Access to Internal Nexus Registers,” using the
Nexus Register Index of 0x7 (see Table 11-21). Configure the bits as follows:
— Access Control (AC)
→ 1'b1 (to indicate start access)
—Map Select (MAP)
→ 3'b000 (primary memory map)
— Access Priority (PR)
→ 2'b00 (lowest priority)
— Read/Write (RW)
→ 1'b0 (read access)
— Word Size (SZ)
→ 3'b0xx (32-bit, 16-bit, 8-bit)
— Access Count (CNT)
→ 14'h0000 or 14'h0001(single access)
NOTE
Access Count (CNT) of 14'h0000 or 14'h0001 will perform a single access.
3. The Nexus block will then arbitrate for the AHB and the read data will be transferred from the AHB
to the RWD Register.
When the transfer completed without error (ERR=1'b0), the Nexus block asserts the RDY pin (see
Table 11-13 for detail on RDY) and sets the DV bit in the RWCS Register. This indicates that the
device is ready for the next access.
4. The data can then be read from the Read/Write Access Data Register (RWD) through the JTAG
access method outlined in Section 11.11.5.2, “Read/Write Access to Internal Nexus Registers
using the Nexus Register Index of 0xA (see Table 11-21).
NOTE
Only the RDY pin as well as the DV and ERR bits within the RWCS provide
Read/Write Access status to the external development tool. The
development tool needs to provide at least one clock after entering the
Run-Test-Idle state to ensure that the RDY pin is asserted
11.11.5.3.4
Block Read Access
1. For a block read access, follow Steps 1 and 2 outlined in Section 11.11.5.3.3, “Single Read
Access,” to initialize the registers, using a value greater than one (14'h0001) for the CNT field in
the RWCS Register.
2. The Nexus block will then arbitrate for the AHB and the read data will be transferred from the AHB
to the RWD Register.
When the transfer has completed without error (ERR=1'b0), the address from the RWA Register is
incremented to the next word size (specified in the SZ field) and the number from the CNT field is
decremented. The Nexus block will then assert the RDY pin. This indicates that the device is ready
for the next access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com