Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 269 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 269 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 265Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 266Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 267Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 268Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 269Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 270Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 271Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 272Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 273Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 976 page
background image
IEEE 1149.1 State Machine and RD/WR Sequences
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
191
11.12.2 JTAG Sequence for Accessing Internal Nexus Registers
11.12.3 JTAG Sequence for Read Access of Memory-Mapped Resources
11.12.4 JTAG Sequence for Write Access of Memory-Mapped Resources
Table 11-46. JTAG Sequence for Accessing Internal Nexus Registers
Step #
TMS Pin
Description
11
IDLE
→ SELECT-DR_SCAN
2
0
SELECT-DR_SCAN
→ CAPTURE-DR (Nexus Command Register value loaded in shifter)
3
0
CAPTURE-DR
→ SHIFT-DR
4
0
(7) TCK clocks issued to shift in direction (rd/wr) bit and first 6 bits of Nexus reg. addr.
5
1
SHIFT-DR
→ EXIT1-DR (7th bit of Nexus reg. shifted in)
6
1
EXIT1-DR
→ UPDATE-DR (Nexus shifter is transferred to Nexus Command Register)
7
1
UPDATE-DR
→ SELECT-DR_SCAN
8
0
SELECT-DR_SCAN
→ CAPTURE-DR (Register value is transferred to Nexus shifter)
9
0
CAPTURE-DR
→ SHIFT-DR
10
0
(31) TCK clocks issued to transfer register value to TDO pin while shifting in TDI value
11
1
SHIFT-DR
→ EXIT1-DR (MSB of value is shifted in/out of shifter)
12
1
EXIT1-DR
→ UPDATE-DR (if access is write, shifter is transferred to register)
13
0
UPDATE-DR
→ RUN-TEST/IDLE (transfer complete, Nexus controller to Reg. Select state)
Table 11-47. JTAG Sequence for Read Access of Memory-Mapped Resources
Step #
TCLK clocks
Description
1
13
Nexus Command = write to Read/Write Access Address Register (RWA)
2
37
Write RWA (initialize starting read address, data input on TDI)
3
13
Nexus Command = write to Read/Write Control/Status Register (RWCS)
4
37
Write RWCS (initialize read access mode and CNT value, data input on TDI)
5
—
Wait for falling edge of RDY pin
6
13
Nexus Command = read Read/Write Access Data Register (RWD)
7
37
Read RWD (data output on TDO)
8
—
If CNT > 0, go back to Step #6
Table 11-48. JTAG Sequence for Write Access of Memory-Mapped Resources
Step #
TCLK clocks
Description
1
13
Nexus Command = write to Read/Write Address Register (RWA)
2
37
Write RWA (initialize starting write address, data input on TDI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com