Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 271 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 271 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 267Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 268Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 269Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 270Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 271Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 272Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 273Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 274Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 275Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
193
Chapter 12
Enhanced DMA Controller (eDMA) Module
12.1
Overview of the MAC7200 Implementation
The MAC7200 family of devices implements a Direct Memory Access controller called the Enhanced
Direct Memory Access controller (eDMA). This module is implemented on other Freescale devices such
as those in the PPC5500 family. It enables transfer of data between the memory, peripherals and off-chip
devices with little intervention from the core, thus helping to increase system performance as well as
assisting with the simplification of software development.
12.1.1
eDMA Features
•
DMA transfers possible between system memories, SPIs, SCIs, I2C, ATD, eMIOS and General
Purpose I/Os
•
Programmable DMA Channel Mux allows assignment of any DMA source to any of the 16
available DMA channels.
•
All DMA transfers use dual address format.
•
Programmable Transfer Control Descriptor stored in local DMA memory.
•
Programmable Source and Destination address with configurable offset.
•
Independent 32-bit Minor and 16-bit Major loop counters for ’nested’ transfers.
•
Different final Source and Destination addresses allow circular Queue operation.
•
Programmable priority levels for each channel.
•
Bandwidth control for each channel.
•
Programmable transfer sizes through Major and Minor loop counters.
•
Independently Programmable read/write sizes.
•
Periodic triggering of up to 8 channels.
•
Round Robin channel prioritization
•
Scatter-Gather functionality
•
Inner Loop channel pre-emption
•
Channel to Channel linking
•
Software or Hardware start
•
Memory Map: 32-bit byte/half-word/word addressable peripheral
NOTE
The transfer type of all transfers done by the DMA is as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com