Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 272 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 272 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 268Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 269Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 270Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 271Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 272Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 273Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 274Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 275Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 276Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 976 page
background image
Overview of the MAC7200 Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
194
Freescale Semiconductor
•
Supervisor Mode
•Data
•
Non-Cacheable
•
Bufferable/Non-Bufferable is software programmable in the DMA
12.1.2
eDMA Implementation
The eDMA has been developed to enable it to be instantiated over a range of devices with different feature
requirements. This allows the module to be reused both within families of devices and across wide product
ranges. The implementation of the DMA controller on the MAC7200 family has been targeted towards
cost sensitive applications while still maintaining a high level of functionality.
The MAC7200 family of devices has 16 independently programmable DMA channels available for use on
the MCU. The eDMA enables the definition of transfers from memory to memory, peripherals to/from
memory, and from peripheral to peripheral. The following shows all possible DMA transfer sources.
As there are greater than 16 possible sources for the DMA controller, a channel mux is used to enable the
user to define which of the sources are used, and on which channels they are assigned. Refer to Chapter 27,
“Enhanced Direct Memory Access (DMA Channel MUX)” for further details.
Table 12-1. DMA Channel Sources
Type
Source/Destination
DMA
Requests
Comments
Memory
System RAM
-
Transfer between on-chip memories
Program Flash
-
Shadow Block
-
Peripherals
ESCI_A, ESCI_B
4
Two requests per ESCI
(one for Tx, one for Rx)
DSPI_A, DSPI_B,
DSPI_C
6
Two requests per DSPI
(one for Tx, one for Rx)
I2C
2
Two requests
(one for Tx, one for Rx)
ATD_A
2
Two requests
(one for Command, one for Result)
eMIOS
8
One request available for each timer channel
External
External Bus
-
External (PIM)
Port A, B, C, D, E, F, G
7
Not all Ports are available on all devices.
Typically used with an “Always Enabled” source
Triggered
Any of the above
Sources/Destinations
8
Each request trigger can be assigned to a PIT
channel or may be left "always enabled"
(i.e.-continuous DMA requests)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com