Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 276 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 276 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 272Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 273Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 274Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 275Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 276Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 277Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 278Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 279Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 280Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 976 page
background image
Overview of the MAC7200 Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
198
Freescale Semiconductor
12.1.6.3.3
DEBUG Mode Behavior
In any real-time system, the debugging of code affected by real-time external events can often be very
difficult. For this reason, flexibility in the ability to selectively enable/disable certain kinds of events when
the system is in DEBUG mode is provided. In the DMA, the user has the flexibility to configure the
execution of the major loop counter in the current active channel in DEBUG mode. If desired, the EDBG
bit in the DMACR register can be set in order to stop the operation of a channel.
12.1.6.3.4
Transfer Control Descriptor (TCD)
Each channel has a corresponding TCD, which must be configured to specify the source and destination
information, as well as the minor and major loop counter information. Please refer to the DMA2 Block
Guide for detailed information on TCDs.
12.1.6.3.5
Channel Completion
The completion of a channel (i.e.-completion of the major loop counter) can be either interrupt driven or
polling driven, similar to the error signalling. If interrupt driven channel completion is desired, follow
these steps:
1. Enable interrupt on major loop counter completion by setting the ‘int_maj’ bit in Word 7 of the
channel’s TCD.
2. Once the interrupt is received (Interrupt #1-#16), clear the interrupt by clearing the corresponding
bit in the DMAINTL register. Individual bits can be easily cleared by writing to the DMACINT
register. To clear all pending DMA interrupts, simply write $FF to the DMACINT register. Note
that it is unnecessary to read the DMAINTL register before clearing it, as each DMA Channel on
the MAC72xx has a dedicated interrupt. The exact channel that caused the interrupt can be
determined solely by the Interrupt Vector number in the Interrupt Controller.
3. Besides producing an interrupt at the completion of a channel, the DMA is also capable of causing
an interrupt when the major loop counter is half completed. This feature can be activated by setting
the ‘int_half’ bit in Word 7 of the channel’s TCD. Note that in this case it is impossible to determine
whether an interrupt is signalling the completion of a channel or only the halfway completion of a
channel. The Interrupt Service Routine (ISR) that handles DMA channel interrupts must explicitly
keep track of this by itself.
To implement polling driven channel completion, following these steps:
1. Disable interrupt on major loop counter completion by clearing the ‘int_maj’ bit in Word 7 of the
channel’s TCD.
2. Determine the completion of a channel by continuously reading Word 7 of the channel’s TCD.
When the ‘done’ bit is set, the channel has completed.
12.1.6.3.6
Channel Activation Method
Each DMA Channel may be configured to use one of three channel activation methods available:
— Explicit software activation. This method allows the channel to be started explicitly by the
software at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com