Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 273 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 273 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 269Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 270Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 271Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 272Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 273Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 274Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 275Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 276Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 277Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 976 page
background image
Overview of the MAC7200 Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
195
12.1.3
eDMA External Pins
There are no eDMA signals that drive or are driven from MCU pins.
12.1.4
eDMA Bus Aborts
The DMA2 supports bus aborts on the Peripheral Bus, enforcing the following memory map:
If any part of a read or write falls within an aborted region, the entire transfer is aborted. For example, a
32-bit read or write to address $000c would be aborted.
Supervisor Access: Unused
12.1.5
eDMA Differences from MAC71xx
•
The debug functionality of the DMA is now enabled
12.1.6
eDMA Application Usage
NOTE
The DMA Block Guide is generic, and refers to configurations of the DMA
with up to 64 channels. The DMA on the MAC72xx is 16 channels, and you
must therefore take this into consideration when writing code to access
DMA configuration registers and (particularly) TCDs. READs to
unmapped registers will return zeros, WRITEs will be ignored.
12.1.6.1
Enabling the DMA
It is not necessary to enable the DMA before it can be used. However, the DMA Channel Mux must be
configured before any DMA transfers can occur.
Table 12-2. eDMA Bus Abort Memory Map
Abort
Allowed
$0000-$0007
$0008-$000d
$000e-$000f
$0010-$0015
$0016-$001f
$0020-$0025
$0026-$0027
$0028-$002d
$002e-$002f
$0030-$00fc
$00fd-$010f
$0110-$0fff
$1000-$11ff
$1200-$3fff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com