Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 266 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 266 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 262Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 263Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 264Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 265Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 266Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 267Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 268Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 269Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 270Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
188
Freescale Semiconductor
NOTE
The actual RWA value as well as the CNT field within the RWCS are not
changed when executing a block read access. The original values can be
read by the external development tool at any time.
3. The data can then be read from the Read/Write Access Data Register (RWD) through the JTAG
access method outlined in Section 11.11.5.2, “Read/Write Access to Internal Nexus Registers,”
using the Nexus Register Index of 0xA (see Table 11-21).
4. Repeat Steps 3 and 4 in Section 11.11.5.3.3, “Single Read Access,” until the CNT value is zero (0).
When this occurs, the DV bit within the RWCS is set to indicate the end of the block read access.
11.11.5.4 Error Handling
The A7S Nexus3 module handles various error conditions as follows:
11.11.5.4.1
AHB Read/Write Error
All address and data errors that occur on read/write accesses to the AHB will return a transfer error
encoding on the HRESP[1:0] signals. If HRESP[1:0] = 2'b01:
1. The access is terminated without re-trying (AC bit is cleared)
2. The ERR bit in the RWCS Register is set
3. The Error Message is sent (TCODE = 8) indicating Read/Write Error
11.11.5.4.2
Access Termination
The following cases are defined for sequences of the Read/Write protocol that differ from those described
in the above sections.
1. If the AC bit in the RWCS Register is set to start Read/Write accesses and invalid values are loaded
into the RWD and/or RWA, then an AHB access error may occur. This is handled as described
above.
2. If a block access is in progress (all cycles not completed), and the RWCS Register is written, then
the original block access is terminated at the boundary of the nearest completed access.
a) If the RWCS is written with the AC bit set, the next Read/Write access will begin and the RWD
can be written to/ read from.
b) If the RWCS is written with the AC bit cleared, the Read/Write access is terminated at the
nearest completed access. This method can be used to break (early terminate) block accesses.
11.11.5.4.3
Read/Write Access Error Message
The Read/Write Access Error Message is sent out when an AHB access error (read or write) error has
occurred.
Error information is messaged out in the following format:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com