Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 261 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 261 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 257Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 258Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 259Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 260Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 261Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 262Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 263Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 264Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 265Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
183
11.11.4.4 Watchpoint Error Message
An Error Message occurs when a new message cannot be queued due to the message queue being full. The
FIFO will discard messages until it has completely emptied the queue. Once emptied, an Error Message
will be queued. The error encoding will indicate which type(s) of messages attempted to be queued while
the FIFO was being emptied.
If only a Watchpoint Message attempts to enter the queue while it is being emptied, the Error Message will
incorporate the Watchpoint only error encoding (00110). If an OTM and/or Program Trace Message also
attempts to enter the queue while it is being emptied, the Error Message will incorporate error encoding
(01000).
NOTE
The OVC bits within the DC Register can be set to delay the CPU by
asserting the FIFOFULL signal in order to alleviate (but not eliminate)
potential overruns.
Error information is messaged out in the following format (see Table 11-2):
(8 bits)
(4 bits)
(6 bits)
Watchpoint Source
Src. Proc.
TCODE (001111)
Fixed length = 18 bits
Figure 11-46. Watchpoint Message Format
Table 11-43. Watchpoint Source Description
Watchpoint Source (8-bits)
Watchpoint Description
xxxx xxx1
ARM7 Watchpoint 0
xxxx xx1x
ARM7 Watchpoint 1
xxxx x1xx
Nexus Watchpoint 1
xxxx 1xxx
Nexus Watchpoint 2
xxx1 xxxx
Nexus Watchpoint 3
xx1x xxxx
Nexus Watchpoint 4
x1xx xxxx
Nexus Watchpoint 5
1xxx xxxx
Nexus Watchpoint 6
(5 bits)
(4 bits)
(6 bits)
Error Code (00110 / 01000)
Src. Proc.
TCODE (001000)
Fixed length = 15 bits
Figure 11-47. Error Message Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com