Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 246 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 246 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 242Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 243Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 244Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 245Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 246Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 247Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 248Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 249Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 250Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
168
Freescale Semiconductor
•
Messaging for taken direct branches includes how many sequential instructions were executed
since the last taken branch or exception. Direct (or indirect) branches not taken are counted as
sequential instructions.
•
Messaging for taken indirect branches and exceptions includes how many sequential instructions
were executed since the last taken branch or exception and the unique portion of the branch target
address or exception vector address.
Branch History Messaging (ARM and Thumb modes) facilitates program trace by providing the following
information.
•
Messaging for taken indirect branches and exceptions includes how many sequential instructions
were executed since the last predicate instruction, exception, or taken indirect branch, the unique
portion of the branch target address or exception vector address, as well as a branch/predicate
instruction history field. Each bit in the history field represents a direct branch or predicated
instruction where a value of one (1) indicates taken, and a value of zero (0) indicates not taken.
11.11.2.1.1
ARM7 Indirect Branch Message Instructions
The table below shows the types of instructions and events which cause Indirect Branch Messages or
Branch History Messages to be encoded.
NOTE
Instructions with the Program Counter (PC) as the destination register (R15)
that are interrupted may or may not cause a BTM to be queued depending
on which stage of the pipe the instruction has reached when the interrupt
occurs.
11.11.2.1.2
ARM7 Direct Branch Message Instructions
The table below shows the types of instructions that will cause Direct Branch Messages or will toggle a
bit in the instruction history buffer to be messaged out in a Resource Full Message or Branch History
Message.
Table 11-37. Indirect Branch / Branch History Message Instructions
Source of Indirect Branch Message
Instructions (ARM mode)
Instr. (Thumb mode)
Taken Register / PC Indirect Branch instruction
bx
bx
Sequential instruction w/ PC as destination reg.
any that write to R15 (PC)
any that write to R15 (PC)
Interrupt / exception
swi, undefined instructions
undefined instructions
Return from interrupt / exception
movs, subs, ldm(3)
N/A
Table 11-38. Direct Branch Message Instructions
Source of Direct Branch Message Instructions (ARM mode)
Instr. (Thumb mode)
Taken Direct Branch instruction
b, bl
b(1), b(2), bl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com