Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 127Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 128Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 129Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 130Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 131Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 132Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 133Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 134Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 976 page
background image
Detailed Signal Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
53
4.3.68
PG[9] — PORT G I/O Pin
PG[9] is a configurable general purpose input or output pin. The pin can be configured to provide either
high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistors on the
pin. It can be configured to wake the system out of low-power mode (DOZE) when an external signal is
applied using the interrupt functionality.
4.3.69
PG[10] — PORT G I/O Pin
PG[10] is a configurable general purpose input or output pin. The pin can be configured to provide either
high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistors on the
pin. It can be configured to wake the system out of low-power mode (DOZE) when an external signal is
applied using the interrupt functionality.
4.3.70
PG[11] — PORT G I/O Pin
PG[8] is a configurable general purpose input or output pin. The pin can be configured to provide either
high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistors on the
pin. It can be configured to wake the system out of low-power mode (DOZE) when an external signal is
applied using the interrupt functionality.
4.3.71
PG[12] / PCS[4] — Port G I/O Pin and DSPI_A
PG[12] is a configurable general purpose input or output pin. It can be configured to provide either high
or reduced output drives, to enable or disable either a pull-up or pull-down resistors on the pin or to provide
either an open drain or push-pull pad. The pins can be configured as a chip select pin PCS[4] when in
Master mode for the Serial Peripheral Interface A (DSPI_A). It can be configured to wake the system out
of low-power mode (DOZE) when an external signal is applied using the interrupt functionality.
4.3.72
PG[13] / PCS[3] — Port G I/O Pin and DSPI_A
PG[13] is a configurable general purpose input or output pin. It can be configured to provide either high
or reduced output drives, to enable or disable either a pull-up or pull-down resistors on the pin or to provide
either an open drain or push-pull pad. The pins can be configured as a chip select pin PCS[3] when in
Master mode for the Serial Peripheral Interface A (DSPI_A). It can be configured to wake the system out
of low-power mode (DOZE) when an external signal is applied using the interrupt functionality.
4.3.73
PG[14] / PCS[4] — Port G I/O Pin and DSPI_B
PG[14] is a configurable general purpose input or output pin. It can be configured to provide either high
or reduced output drives, to enable or disable either a pull-up or pull-down resistors on the pin or to provide
either an open drain or push-pull pad. The pins can be configured as a chip select pin PCS[4] when in
Master mode for the Serial Peripheral Interface B (DSPI_B). It can be configured to wake the system out
of low-power mode (DOZE) when an external signal is applied using the interrupt functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com