Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 135Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 136Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 137Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 138Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 139Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 140Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 141Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 142Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 976 page
background image
Clock Generation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
61
generated clock (in Self Clock Mode only). This allows these functions to continue to run during low
power operating modes if required. Refer to Chapter 26, “Periodic Interrupt Timer (PIT_RTI)” and
Chapter 13, “Miscellaneous Control Module (MCM)” for more information on these modules.
In order to ensure the presence of the clock, the MCU includes an on-chip hardware Crystal Monitor
connected to the output of the Oscillator, OSCCLK. The Crystal Monitor can be configured to invoke the
PLL self clocking mode or to generate a System Reset to time out as a result of no OSCCLK being present.
In addition to the Crystal Monitor, the MCU also provides a Clock Quality checker which performs a more
accurate check of the clock. The Clock Quality Checker counts a predetermined number of clock edges
within a defined time window to ensure that the clock is running. The checker can be invoked following
specific events such as wake-up or a Crystal Monitor failure.
5.2
Clock Generation
Figure 5-2 and Figure 5-3 shows the clock outputs and gating in the CRG. The effect of the different Low
Power modes on the various clocks is discussed in Chapter 3, “Low Power Modes”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com