Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 171 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 171 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 167Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 168Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 169Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 170Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 171Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 172Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 173Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 174Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 976 page
background image
Debug Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
93
8.4.1.1
TCK Routing
The TCK signal from the pad is synchronized, and then drives the TCK inputs of the PTI logic, Nexus logic
and the ARM7. See Section 8.4.2, “Synchronization” for more details on how TCKEN is used to
synchronize TMS and TDI.
Figure 8-2. JTAG TCK Routing
8.4.1.2
TMS Routing
The TMS signal from the pad is synchronized, and then drives the TMS inputs of the PTI logic, Nexus
logic and the ARM7. The TMS input of the SoC must be valid on the rising edge of the TCK clock, with
the appropriate setup and hold requirements. If the TMS signal is asserted based on the falling clock edge
of TCK, and the maximum TCK frequency is not exceeded, then the setup and hold requirements for TMS
are guaranteed to be met.
Figure 8-3. JTAG TMS Routing
8.4.1.3
TDI Routing
The TDI signal from the pad is synchronized, and then muxed in to drive the TDI inputs of the PTI logic,
Nexus logic and the ARM7. The synchronized signal is muxed in order to provide additional security when
the debug is disabled in the system for Flash security. When the debug is disabled, the INTEST instruction
is selected, and the TAP state machine is in the Shift-DR state, the TDI input to the platform is tied low.
The TDI input to the PTI logic (SC4/5/6/7) is always driven by dbg_tdi_sync, thus allowing the writing
and reading of SC4/5/6/7 even when debug is disabled. This is to allow the user to run the JTAG Lockout
TCK
ipp_ind_tck
PTI
Synch.
Logic
dbg_tcken_sync dbg_tcken_platform
To ARM7/Nexus
TMS
ipp_ind_tms
PTI
Synch.
Logic
dbg_tms_sync
dbg_tms_platform
To ARM7/Nexus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com