Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 173 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 173 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 169Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 170Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 171Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 172Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 173Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 174Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 175Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 176Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 177Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 976 page
background image
Debug Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
95
8.4.2
Synchronization
As with any external input, it is necessary to synchronize the TCK, TMS and TDI inputs to the internal
clock of the TAP state machine (ipg_clk). However, in the case of these signals, it is not necessary to
synchronize all three signals, as TMS and TDI are driven externally with respect to TCK. Therefore, the
synchronization can be performed by synchronizing the TCK input, and then generating an enable
(tap_enable) signal from this synchronization logic that is used to strobe the TMS and TDI inputs. The
actual logic is illustrated in Figure 8-6, and the timing is described in Figure 8-7.
Figure 8-6. JTAG Synchronization Circuit
CK
Q
D
CK
Q
D
CK
Q
D
ipg_clk
TCK
sync1
sync2
sync3
tap_enable
dbg_tck_sync
CK
Q
D
CK
Q
D
TMS
TDI
dbg_tms_sync
dbg_tdi_sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com