Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC7202MPV70 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # PAC7202MPV70
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7202MPV70 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PAC7202MPV70 Datasheet HTML 5Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 6Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 7Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 8Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 9Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 10Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 11Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 12Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
ix
8.7
Debug Differences from MAC71xx ..................................................................................97
8.8
Debug Application Usage ..................................................................................................97
8.8.1
ARM Debug Overview..................................................................................................98
8.8.2
Entering Debug mode ....................................................................................................99
8.8.3
Exiting Debug mode ....................................................................................................100
8.8.4
Nexus Low Power State...............................................................................................100
8.8.5
Debug Shift Register SC4............................................................................................101
8.8.6
Using the JTAG Interface ............................................................................................101
8.8.7
JTAG Pad Control........................................................................................................101
8.8.8
Resetting Debug Logic ................................................................................................102
Chapter 9
Device Memory Map
9.1
Memory Map Example ....................................................................................................104
9.2
Normal Single Chip Mode ...............................................................................................105
9.3
Normal Primary Bootloader Mode ..................................................................................107
9.4
Normal Expanded Mode ..................................................................................................108
9.5
Secured Single Chip Mode ..............................................................................................109
9.6
Secured Primary Bootloader Mode..................................................................................110
9.7
Secured Expanded Mode .................................................................................................110
9.8
Accessing registers ..........................................................................................................112
9.8.1
32-bit Register Accesses ..............................................................................................112
9.8.2
16-bit Register Accesses ..............................................................................................112
9.8.3
8-bit register accesses ..................................................................................................113
9.9
Peripheral Bus Memory Map...........................................................................................113
9.10
SRAM Memory Map .......................................................................................................114
9.11
FlexBus Memory Map .....................................................................................................115
9.12
Flash Main Array Memory Map ......................................................................................115
9.13
Shadow Block Memory Map ...........................................................................................117
9.14
Boot Assist Module (BAM) Memory Map......................................................................118
9.15
Exception Table Memory Map ........................................................................................118
9.16
Memory Map Relocation .................................................................................................119
9.16.1
System Memory Map Combinations ...........................................................................119
9.16.2
Changing Chip Modes .................................................................................................120
9.16.3
Resource Relocation Summary....................................................................................120
9.16.3.1
FlexBus ....................................................................................................................120
9.16.3.2
Flash Main Array .....................................................................................................120
9.16.3.3
Shadow Block ..........................................................................................................120
9.16.3.4
SRAM ......................................................................................................................121
9.16.4
Programming the AAMR register in the MCM...........................................................121
9.17
Exception Table ...............................................................................................................122
9.18
System Boot Sequence.....................................................................................................123
9.18.1
Programming with a Bootloader..................................................................................123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com