Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T62 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41T62
Description  Serial real-time clocks with alarm
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41T62_10 Datasheet HTML 2Page - STMicroelectronics M41T62_10 Datasheet HTML 3Page - STMicroelectronics M41T62_10 Datasheet HTML 4Page - STMicroelectronics M41T62_10 Datasheet HTML 5Page - STMicroelectronics M41T62_10 Datasheet HTML 6Page - STMicroelectronics M41T62_10 Datasheet HTML 7Page - STMicroelectronics M41T62_10 Datasheet HTML 8Page - STMicroelectronics M41T62_10 Datasheet HTML 9Page - STMicroelectronics M41T62_10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Description
M41T62/63/64/65
6/41
Doc ID 10397 Rev 14
1
Description
The M41T6x serial access TIMEKEEPER® is a low power serial RTC with a built-in
32.768 kHz oscillator. Eight registers are used for the clock/calendar function and are
configured in binary coded decimal (BCD) format. An additional 8 registers provide
status/control of alarm, 32 KHz output, calibration, and watchdog functions. Addresses and
data are transferred serially via a two line, bi-directional I2C interface. The built-in address
register is incremented automatically after each WRITE or READ data byte.
Functions available to the user include a time-of-day clock/calendar, alarm interrupts
(M41T62/65), 32 KHz output (M41T62/63/64), programmable square wave output
(M41T62/63/64), and watchdog output (M41T63/65). The eight clock address locations
contain the century, year, month, date, day, hour, minute, second and tenths/hundredths of a
second in 24 hour BCD format. Corrections for 28-, 29- (leap year), 30- and 31-day months
are made automatically.
The M41T6x is supplied in a tiny, 3 mm x 3 mm 16-pin QFN which requires a user-supplied
32 KHz crystal.
Figure 1.
M41T62 logic diagram
1.
Open drain.
2.
Defaults to 32 KHz on power-up.
Figure 2.
M41T63 logic diagram
1.
Open drain.
2.
Defaults to 32 KHz on power-up.
SCL
VCC
M41T62
VSS
SDA
IRQ/OUT
(1)
SQW
(2)
XI
XO
AI09103
SCL
VCC
M41T63
VSS
SDA
WDO
(1)
SQW
(2)
XI
XO
AI09189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com