Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T62 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M41T62
Description  Serial real-time clocks with alarm
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M41T62_10 Datasheet HTML 33Page - STMicroelectronics M41T62_10 Datasheet HTML 34Page - STMicroelectronics M41T62_10 Datasheet HTML 35Page - STMicroelectronics M41T62_10 Datasheet HTML 36Page - STMicroelectronics M41T62_10 Datasheet HTML 37Page - STMicroelectronics M41T62_10 Datasheet HTML 38Page - STMicroelectronics M41T62_10 Datasheet HTML 39Page - STMicroelectronics M41T62_10 Datasheet HTML 40Page - STMicroelectronics M41T62_10 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Revision history
M41T62/63/64/65
40/41
Doc ID 10397 Rev 14
8
Revision history
Table 21.
Document revision history
Date
Revision
Changes
13-Nov-2003
1.0
First issue
19-Nov-2003
1.1
Add features, update characteristics (Figure 1, Figure 3, Figure 4,
Figure 9, Figure 23; Table 2, Table 3, Table 9, Table 11, Table 14,
Table 18)
25-Dec-2003
2
Reformatted; add crystal isolation, footprint (Figure 25)
14-Jan-2004
2.1
Update characteristics (Figure 1, Figure 9, Figure 25; Table 1,
Table 3. Table 9, Table 14)
27-Feb-2004
2.2
Update characteristics and mechanical dimensions (Figure 1,
Figure 3, Figure 2, Figure 4, Figure 5, Figure 6, Figure 9,
Figure 10, Figure 11, Figure 12, Figure 27, Figure 28; Table 3,
Table 4, Table 5, Table 6, Table 9, Table 11, Table 14, Table 19)
02-Mar-2004
2.3
Update characteristics (Figure 7, Figure 8, Figure 11; Table 2,
Table 14)
26-Apr-2004
3
Reformat and republish
13-May-2004
4
Update characteristics (Figure 5, Figure 6, Figure 7, Figure 8,
Figure 25, Figure 28; Table 11, Table 14, Table 15)
06-Aug-2004
5
Correct diagrams; update characteristics (Figure 3, Figure 2,
Figure 25; Table 2, Table 14, Table 17)
11-Oct-2004
6
Update characteristics (Table 11, Table 14)
18-Jan-2005
7
Correct footprint dimensions; update characteristics (Figure 3,
Figure 7, Figure 11, Figure 13, Figure 28; Table 1, Table 2,
Table 5, Table 8, Table 9, Table 11, Table 12, Table 14, Table 15,
Table 17, Table 18)
05-May-2005
8
Add package comparison and mechanical data (in Feature
summary on page 1, Figure 28)
31-Oct-2005
9
Update: bus operating voltage, characteristics, add Lead-free text
(Figure 13; Table 11, Table 12, Table 14, Table 18, Table 20)
30-Nov-2005
10
Update ESD:HBM rating, crystal characteristics (Table 11,
Table 15)
22-Aug-2006
11
Changed document to new template; small text changes for
Feature summary on page 1
26-Jan-2010
12
Minor textual changes; updated Section 3.2; footnote 3 in
Table 11; footnote 1 in Table 15; text in Section 6; Table 16, 18.
07-May-2010
13
Updated title of datasheet, Features, Section 1, Section 3.1, 3.2,
3.4, 3.10, Section 4, Figure 23, Table 16; added Figure 20, added
embedded crystal package LCC8 (updated Figure 1, 5, 29,
Table 20)
25-May-2010
14
Removed LCC8 package option throughout document; removed
footnote from Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com