Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7SE512 Datasheet(PDF) 46 Page - ATMEL Corporation

Part # AT91SAM7SE512
Description  Product Description
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7SE512 Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button AT91SAM7SE512 Datasheet HTML 39Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 40Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 41Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 42Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 43Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 44Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 45Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 46Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 47Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
46
6222ES–ATARM–15-Dec-09
AT91SAM7SE512/256/32 Preliminary
Revision History
Doc. Rev
Comments
Change
Request
Ref.
6222AS
First issue
Revised Memories with condensed mapping.
Added Package Outlines and 144-ball LFBGA pin and ordering information.
#2709
6222BS
Section 12. “Ordering Information” on page 45 ordering information code reference changed
#3699
6222CS
Section 6.1 ”JTAG Port Pins”, Section 6.3 ”Reset Pin”, Section 6.5 ”SDCK Pin”, removed statement: “not 5V
tolerant”
Section 7.6 ”SDRAM Controller”, Mobile SDRAM controller added to SDRAMC features
INL and DNL updated in Section 10.14 ”Analog-to-Digital Converter”
“Features” on page 2, Fully Static Operation; added, up to 55 MHz at 1.8V and 85°C worst case conditions
Section 7.1 ”ARM7TDMI Processor”, Runs at up to 55 MHz, providing 0.9 MIPS/MHz (core supplied with 1.8V)
Section 7.8 ”Peripheral DMA Controller” PDC priority list added
Section 7.5 ”Static Memory Controller”, Multiple device adaptability includes: compliant w/PSRAM in
synchronous operations.
#3826
#4005
#3924
#3833
review
6222DS
Figure 8-1 ”AT91SAM7SE Memory Mapping” Compact Flash not shown w/EBI Chip Select 5. Compact Flash is
shown with EBI Chip Select 2.
Section 8.1.2.1 ”Flash Overview”, updated AT91SAM7SE32 ...”reads as 8192 32-bit words.”
Section 6. ”/O Lines Considerations”, “JTAG Port Pins”, “Test Pin”, “Reset Pin”, “ERASE Pin” descriptions
updated
4804
4512
5062
6222ES
Section 10.11 ”Timer Counter”, .....the TC has two output compare and one input capture per channel.
4209
6222FS
Features:
“Mode for General Purpose Two-wire UART Serial Communication” added to “Debug Unit (DBGU)”.
Signal Description:
Table 3-1, “Signal Description List”, AD0-AD3 and AD4-AD7 comments reversed.
System Controller:
Figure 9-1 ”System Controller Block Diagram”, ‘periph_nreset’ changed into ‘power_on_reset’ for RTT.
5846
5271
5222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com