| Electronic Components Datasheet Search |
|
56F8013 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8013 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 126 page ![]() 56F8013/56F8011 Signal Pins 56F8013/56F8011 Data Sheet, Rev. 12 Freescale Semiconductor 21 TDO (GPIOD1) 32 Output Input/ Output Output Test Data Output — This tri-stateable output pin provides a serial output data stream from the JTAG/EOnCE port. It is driven in the shift-IR and shift-DR controller states, and changes on the falling edge of TCK. Port D GPIO — This GPIO pin can be individually programmed as an input or output pin. After reset, the default state is TDO. GPIOB0 (SCLK) (SCL3) 21 Input/ Output Input/ Output Input/ Output Input with internal pull-up enabled Port B GPIO — This GPIO pin can be individually programmed as an input or output pin. SPI Serial Clock — In the master mode, this pin serves as an output, clocking slaved listeners. In slave mode, this pin serves as the data clock input. A Schmitt trigger input is used for noise immunity. Serial Data — This pin serves as the I2C serial clock. After reset, the default state is GPIOB0. The alternative peripheral functionality is controlled via the SIM. See Section 6.3.8. 3. This signal is also brought out on the GPIOB7 pin. GPIOB1 (SS) (SDA4) 2 Input/ Output Input Input/ Output Input with internal pull-up enabled Port B GPIO — This GPIO pin can be individually programmed as an input or output pin. SPI Slave Select — SS is used in slave mode to indicate to the SPI module that the current transfer is to be received. Serial Clock — This pin serves as the I2C serial data line. After reset, the default state is GPIOB1. The alternative peripheral functionality is controlled via the SIM. See Section 6.3.8. 4. This signal is also brought out on the GPIOB6 pin. Return to Table 2-2 Table 2-3 56F8013/56F8011 Signal and Package Information for the 32-Pin LQFP (Continued) Signal Name LQFP Pin No. Type State During Reset Signal Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |