Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8151D2R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS8151D2R2G
Description  5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8151D2R2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS8151D2R2G Datasheet HTML 2Page - ON Semiconductor CS8151D2R2G Datasheet HTML 3Page - ON Semiconductor CS8151D2R2G Datasheet HTML 4Page - ON Semiconductor CS8151D2R2G Datasheet HTML 5Page - ON Semiconductor CS8151D2R2G Datasheet HTML 6Page - ON Semiconductor CS8151D2R2G Datasheet HTML 7Page - ON Semiconductor CS8151D2R2G Datasheet HTML 8Page - ON Semiconductor CS8151D2R2G Datasheet HTML 9Page - ON Semiconductor CS8151D2R2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CS8151
http://onsemi.com
6
TIMING DIAGRAMS
Watchdog
Pulse Width
VIN
RESET
Wake Up
WDI
VOUT
Wake Up
Duty Cycle = 50%
Power Up
Sleep Mode
Normal Operation with Varying Watchdog Signal
RESET High
to Wake Up
Delay Time
POR
Figure 2. Power Up, Sleep Mode and Normal Operation
Figure 3. Error Condition: Watchdog Remains Low and a RESET Is Issued
VIN
RESET
Wake Up
WDI
VOUT
POR
RESET High
to Wake Up
Delay Time
RESET Delay Time
RESET High
to Wake Up
Delay Time
Wake Up
Period
POR
RESET
Wake Up
WDI
VOUT
Watchdog Pulse Width
RTL
POR
Power Down
Wake Up Period
Figure 4. Power Down and Restart Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com