Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8151D2R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS8151D2R2G
Description  5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8151D2R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS8151D2R2G Datasheet HTML 3Page - ON Semiconductor CS8151D2R2G Datasheet HTML 4Page - ON Semiconductor CS8151D2R2G Datasheet HTML 5Page - ON Semiconductor CS8151D2R2G Datasheet HTML 6Page - ON Semiconductor CS8151D2R2G Datasheet HTML 7Page - ON Semiconductor CS8151D2R2G Datasheet HTML 8Page - ON Semiconductor CS8151D2R2G Datasheet HTML 9Page - ON Semiconductor CS8151D2R2G Datasheet HTML 10Page - ON Semiconductor CS8151D2R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CS8151
http://onsemi.com
7
DEFINITION OF TERMS
Dropout Voltage: The input−output voltage differential
at which the circuit ceases to regulate against further
reduction in input voltage. Measured when the output
voltage has dropped 100mV from the nominal value
obtained at 14V input, dropout voltage is dependent upon
load current and junction temperature.
Input Voltage: The DC voltage applied to the input
terminals with respect to ground.
Line Regulation: The change in output voltage for a
change in the input voltage. The measurement is made
under conditions of low dissipation or by using pulse
techniques such that the average chip temperature is not
significantly affected.
Load Regulation: The change in output voltage for a
change in load current at constant chip temperature.
Quiescent Current: The part of the positive input current
that does not contribute to the positive load current. The
regulator ground lead current.
Ripple Rejection: The ratio of the peak−to−peak input
ripple voltage to the peak−to−peak output ripple voltage.
Current Limit: Peak current that can be delivered to the
output.
CIRCUIT DESCRIPTION
Functional Description
To reduce the drain on the battery a system can go into a
low current consumption mode when ever its not performing
a main routine. The Wake Up signal is generated
continuously and is used to interrupt a microcontroller that
is in sleep mode. The nominal output is a 5.0 V square wave
with a duty cycle of 50% at a frequency that is determined
by a timing capacitor, CDelay.
When the microprocessor receives a rising edge from the
Wake Up output, it must issue a watchdog pulse and check
its inputs to decide if it should resume normal operations or
remain in the sleep mode.
Figure 5. Wake Up Response to WDI
Wake Up
Response
to WDI
Wake Up
WDI
Figure 6. Wake Up Response to RESET (Low Voltage)
Wake Up
Response
to RESET
RESET
Wake Up
The first falling edge of the watchdog signal causes the
Wake Up to go low within 2.0
ms (Typ) and remain low until
the next Wake Up cycle (see Figure 5). Other watchdog
pulses received within the same cycle are ignored (Figures
2, 3, and 4).
During power up, RESET is held low until the output
voltage is in regulation. During operation, if the output
voltage shifts below the regulation limits, the RESET
toggles low and remains low until proper output voltage
regulation is restored. After the RESET delay, RESET
returns high.
The Watchdog circuitry continuously monitors the input
watchdog signal (WDI) from the microprocessor. The
absence of a falling edge on the Watchdog input during one
Wake Up cycle will cause a RESET pulse to occur at the end
of the Wake Up cycle (see Figure 3).
The Wake Up output is pulled low during a RESET
regardless of the cause of the RESET. After the RESET
returns high, the Wake Up cycle begins again (see Figure 3).
The RESET pulse width, Wake Up signal frequency and
RESET high to Wake Up delay time are all set by one
external capacitor CDelay.
Wake Up Period = (4
× 105)CDelay
RESET Delay Time = (5
× 104)CDelay
RESET High to Wake Up Delay Time = (2
× 105)CDelay
Capacitor temperature coefficient and tolerance as well as
the tolerance of the CS8151 must be taken into account in
order to get the correct system tolerance for each parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com