Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LMV321
Description  Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV321 Datasheet(HTML) 5 Page - ON Semiconductor

  LMV321 Datasheet HTML 1Page - ON Semiconductor LMV321 Datasheet HTML 2Page - ON Semiconductor LMV321 Datasheet HTML 3Page - ON Semiconductor LMV321 Datasheet HTML 4Page - ON Semiconductor LMV321 Datasheet HTML 5Page - ON Semiconductor LMV321 Datasheet HTML 6Page - ON Semiconductor LMV321 Datasheet HTML 7Page - ON Semiconductor LMV321 Datasheet HTML 8Page - ON Semiconductor LMV321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LMV321, LMV358, LMV324
http://onsemi.com
5
5.0 V DC ELECTRICAL CHARACTERISTICS (Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 5.0 V,
RL = 1 MW, V− = 0 V, VO = V+/2)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Offset Voltage
VIO
TA = −40°C to +85°C
1.7
9
mV
Input Offset Voltage Average Drift
TCVIO
TA = −40°C to +85°C
5
mV/°C
Input Bias Current (Note 3)
IB
TA = −40°C to +85°C
< 1
nA
Input Offset Current (Note 3)
IIO
TA = −40°C to +85°C
< 1
nA
Common Mode Rejection Ratio
CMRR
0 V v VCM v 4 V
50
65
dB
Power Supply Rejection Ratio
PSRR
2.7 V v V+ v 5 V,
VO = 1 V, VCM = 1 V
50
60
dB
Input Common−Mode Voltage Range
VCM
For CMRR w 50 dB
0 to 4
−0.2 to 4.2
V
Large Signal Voltage Gain (Note 3)
AV
RL = 2 kW
15
100
V/mV
TA = −40°C to +85°C
10
Output Swing
VOH
RL = 2 kW to 2.5 V
TA = −40°C to +85°C
VCC − 300
VCC − 400
VCC − 40
V
VOL
RL = 2 kW to 2.5 V (Note 3)
TA = −40°C to +85°C
120
300
400
mV
VOH
RL = 10 kW to 2.5 V (Note 3)
TA = −40°C to +85°C
VCC − 100
VCC − 200
V
VOL
RL = 10 kW to 2.5 V
TA = −40°C to +85°C
65
180
280
mV
Output Short Circuit Current
IO
Sourcing = VO = 0 V (Note 3)
Sinking = VO = 5 V (Note 3)
10
10
60
160
mA
Supply Current
ICC
LMV321
TA = −40°C to +85°C
130
250
350
mA
LMV358 Both Amplifiers
TA = −40°C to +85°C
210
440
615
LMV324 All Four Amplifiers
TA = −40°C to +85°C
410
830
1160
5.0 V AC ELECTRICAL CHARACTERISTICS (Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 5.0 V,
RL = 1 MW, V− = 0 V, VO = V+/2)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Slew Rate
SR
1
V/ms
Gain Bandwidth Product
GBWP
CL = 200 pF
1
MHz
Phase Margin
Qm
60
°
Gain Margin
Gm
10
dB
Input−Referred Voltage Noise
en
f = 50 kHz
50
nV/√Hz
3. Guaranteed by design and/or characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com