Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LMV321
Description  Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV321 Datasheet(HTML) 1 Page - ON Semiconductor

  LMV321 Datasheet HTML 1Page - ON Semiconductor LMV321 Datasheet HTML 2Page - ON Semiconductor LMV321 Datasheet HTML 3Page - ON Semiconductor LMV321 Datasheet HTML 4Page - ON Semiconductor LMV321 Datasheet HTML 5Page - ON Semiconductor LMV321 Datasheet HTML 6Page - ON Semiconductor LMV321 Datasheet HTML 7Page - ON Semiconductor LMV321 Datasheet HTML 8Page - ON Semiconductor LMV321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 8
1
Publication Order Number:
LMV321/D
LMV321, LMV358, LMV324
Single, Dual, Quad
Low-Voltage, Rail-to-Rail
Operational Amplifiers
The LMV321, LMV358, and LMV324 are CMOS single, dual, and
quad low voltage operational amplifiers with rail−to−rail output
swing. These amplifiers are a cost−effective solution for applications
where low power consumption and space saving packages are critical.
Specification tables are provided for operation from power supply
voltages at 2.7 V and 5 V. Rail−to−Rail operation provides improved
signal−to−noise preformance. Ultra low quiescent current makes this
series of amplifiers ideal for portable, battery operated equipment. The
common mode input range includes ground making the device useful
for low−side current−shunt measurements. The ultra small packages
allow for placement on the PCB in close proximity to the signal source
thereby reducing noise pickup.
Features
• Operation from 2.7 V to 5.0 V Single−Sided Power Supply
• LMV321 Single Available in Ultra Small 5 Pin SC70 Package
• No Output Crossover Distortion
• Industrial temperature Range: −40°C to +85°C
• Rail−to−Rail Output
• Low Quiescent Current: LMV358 Dual − 220 mA, Max per Channel
• No Output Phase−Reversal from Overdriven Input
• These are Pb−Free Devices
Typical Applications
• Notebook Computers and PDA’s
• Portable Battery−Operated Instruments
• Active Filters
Figure 1. Open Loop Frequency Response
(RL = 2 kW, TA = 255C, VS = 5 V)
Figure 2. CMRR vs. Input Common Mode
Voltage
30
40
50
60
70
80
−1
012
345
INPUT COMMON MODE VOLTAGE (V)
VS = 5 V
FREQUENCY (Hz)
−20
0
20
40
60
80
100
120
Over −40°C to +85°C
Same Gain $1.8 dB (Typ)
1k
10k
100k
1M
10M
10
100
http://onsemi.com
SC−70
CASE 419A
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING AND MARKING INFORMATION
Micro8]
CASE 846A
UDFN8
CASE 517AJ
SOIC−14
CASE 751A
TSSOP−14
CASE 948G
1
1
1
SOIC−8
CASE 751
1
8
1
1
8
1
5
TSOP−5
CASE 483


Similar Part No. - LMV321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
More results

Similar Description - LMV321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV.B
OP295 AD-OP295_06 Datasheet
399Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
logo
ON Semiconductor
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
OP295 AD-OP295_15 Datasheet
376Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. G
OP495 AD-OP495_15 Datasheet
376Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. G
logo
ON Semiconductor
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
LMV821 ONSEMI-LMV821_15 Datasheet
462Kb / 13P
Single and Quad Low Voltage, Rail-to-Rail Operational Amplifiers
May, 2015 ??Rev. 3
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com