Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7520CDWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7520CDWR
Description  Low-Power 5 KV(rms) Dual Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7520CDWR Datasheet(HTML) 1 Page - Texas Instruments

  ISO7520CDWR Datasheet HTML 1Page - Texas Instruments ISO7520CDWR Datasheet HTML 2Page - Texas Instruments ISO7520CDWR Datasheet HTML 3Page - Texas Instruments ISO7520CDWR Datasheet HTML 4Page - Texas Instruments ISO7520CDWR Datasheet HTML 5Page - Texas Instruments ISO7520CDWR Datasheet HTML 6Page - Texas Instruments ISO7520CDWR Datasheet HTML 7Page - Texas Instruments ISO7520CDWR Datasheet HTML 8Page - Texas Instruments ISO7520CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
3
4
5
6
7
8
ISO 7520
9
10
11
12
13
14
15
16
OUTA
GND 1
VCC 1
GND 1
INB
GND 2
GND 2
INA
OUTB
VCC 2
NC
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
ISO 7521
9
10
11
12
13
14
15
16
NC
INA
GND 1
VCC 1
GND 1
INB
GND 2
GND 2
OUTA
NC
OUTB
VCC 2
NC
NC
NC
NC
NC = No Internal Connection
ISO7520
ISO7521
www.ti.com
SLLSE39 – JUNE 2010
Low-Power 5 KV(rms) Dual Digital Isolators
Check for Samples: ISO7520, ISO7521
The devices have TTL input thresholds and require
1
FEATURES
two supply voltages, 3.3V or 5V, or any combination.
•
Highest Signaling Rate: 1 Mbps
All inputs are 5-V tolerant when supplied from a 3.3-V
•
Propagation Delay Less Than 20 ns
supply.
•
Low Power Consumption
Note: The ISO7520 and ISO7521 are specified for
•
Wide Ambient Temperature: –40°C to 105°C
signaling rates up to 1 Mbps. Due to their fast
response time, under most cases, these devices will
•
Safety and Regulatory Approvals
also transmit data with much shorter pulse widths.
–
5 KV(rms) for 1 minute per UL 1577
Designers should add external filtering to remove
–
CSA Component Acceptance Notice 5A
spurious signals with input pulse duration < 20 ns if
desired.
–
IEC 60747-5-2 (VDE 0884 Rev. 2)
–
IEC 60601-1, 60950-1, & 61010-1 End
Equipment Standards
•
50 kV/µs Transient Immunity Typical
•
Operates From 3.3V or 5V Supply and Logic
Levels
APPLICATIONS
•
Opto-Coupler Replacement in:
–
Medical Applications for IEC 60601-1
5KVrms Rated
–
Industrial Field-Bus
–
ProfiBus
–
ModBus
–
DeviceNetTM Data Buses
–
Servo Control Interface
–
Motor Control
–
Power Supply
–
Battery Packs
DESCRIPTION
The ISO7520 and ISO7521 provide double galvanic
isolation of up to 5KVrms for 1 minute per UL. These
digital isolators have two isolated channels with
uni-directional (ISO7520) and bi-directional (ISO7521)
channel configurations. Each isolation channel has a
logic input and output buffer separated by a silicon
oxide (SiO2) insulation barrier. Used in conjunction
with isolated power supplies, these devices prevent
noise currents on a data bus or other circuits from
entering the local ground and interfering with or
damaging sensitive circuitry.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7520CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7520CDWR TI-ISO7520CDWR Datasheet
324Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520CDWR TI1-ISO7520CDWR Datasheet
641Kb / 18P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520CDWR TI1-ISO7520CDWR Datasheet
1,017Kb / 25P
Low-Power 5 kVRMS Dual-Channel Digital Isolators
ISO7520CDWR TI2-ISO7520CDWR Datasheet
1Mb / 28P
ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators
REVISED MAY 2015
ISO7520CDWR.A TI2-ISO7520CDWR.A Datasheet
1Mb / 28P
ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators
REVISED MAY 2015
More results

Similar Description - ISO7520CDWR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
5 kV RMS Quad-Channel Digital Isolators
REV. 0
logo
Texas Instruments
ISO7520 TI-ISO7520 Datasheet
324Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
logo
Analog Devices
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
3 kV RMS Dual Channel Digital Isolators
REV. 0
logo
Texas Instruments
ISO7520C TI1-ISO7520C Datasheet
641Kb / 18P
Low-Power 5 KV(rms) Dual Digital Isolators
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
3.0 kV rms, Dual-Channel Digital Isolators
REV. A
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. 0
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
5 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
5 kV RMS Dual Channel Digital Isolators
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com