| Electronic Components Datasheet Search |
|
ISO7520CDWR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ISO7520CDWR Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 15 page ![]() ISO7520 ISO7521 SLLSE39 – JUNE 2010 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. DEVICE FUNCTION TABLE INPUT SIDE (VCC)(1) OUTPUT SIDE (VCC)(1) INPUT (IN)(1) OUTPUT (OUT)(1) H H PU PU L L Open H PD PU X H (1) PU = Powered Up (Vcc ≥ 3.15V); PD = Powered Down (Vcc ≤ 2.4V); X = Irrelevant; H = High Level; L = Low Level AVAILABLE OPTIONS PRODUCT RATED TA MARKED AS ORDERING NUMBER ISO7520CDW (rail) ISO7520C –40°C to 105°C ISO7520CDW ISO7520CDWR (reel) ISO7521CDW (rail) ISO7521C –40°C to 105°C ISO7521CDW ISO7521CDWR (reel) ABSOLUTE MAXIMUM RATINGS (1) VALUE UNIT VCC Supply voltage(2), VCC1, VCC2 –0.5 V to 6 V VI Voltage at IN, OUT –0.5 V to 6 V IO Output Current ±15 mA JEDEC Standard 22, Test Method Human Body Model ±4 kV A114-C.01 Electrostatic ESD Field-Induced-Charged Device All pins discharge JEDEC Standard 22, Test Method C101 ±1 kV Model Machine Model ANSI/ESDS5.2-1996 ±200 V TJ Maximum junction temperature 150 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values. 2 Submit Documentation Feedback Copyright © 2010, Texas Instruments Incorporated Product Folder Link(s): ISO7520 ISO7521 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |