Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ12003 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMZ12003
Description  3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12003 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMZ12003 Datasheet HTML 1Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 2Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 3Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 4Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 5Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 6Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 7Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 8Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Symbol
Parameter
Conditions
Min
(Note 3)
Typ
(Note 4)
Max
(Note 3)
Units
η
Efficiency
V
IN = 12V VO = 1.8V IO = 1A
87
%
η
Efficiency
V
IN = 12V VO = 1.8V IO = 3A
77
%
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD-22-114.
Note 3: Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation using Statistical
Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 4: Typical numbers are at 25°C and represent the most likely parametric norm.
Note 5: EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007. See AN-2024 and layout for information on device under test.
Note 6: Theta JA measured on a 1.705” x 3.0” four layer board, with one ounce copper, thirty five 12 mil thermal vias, no air flow, and 1W power dissipation.
Refer to PCB layout diagrams
Typical Performance Characteristics
Unless otherwise specified, the following conditions apply: V
IN = 12V; Cin = 10uF X7R Ceramic; CO = 100uF X7R Ceramic; Tam-
bient = 25 C for efficiency curves and waveforms.
Efficiency 6V Input @ 25°C
30109021
Dissipation 6V Input @ 25°C
30109022
Efficiency 12V Input @ 25°C
30109003
Dissipation 12V Input @ 25°C
30109004
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com