Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ12003 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMZ12003
Description  3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12003 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMZ12003 Datasheet HTML 6Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 7Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 8Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 9Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 10Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 11Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 12Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 13Page - National Semiconductor (TI) LMZ12003 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CCM and DCM Operating Modes
V
IN = 12V, VO = 3.3V, IO = 3A/0.4A 2 μsec/div
30109012
The approximate formula for determining the DCM/CCM
boundary is as follows:
I
DCB≊VO*(VIN–VO)/(2*6.8 μH*fSW(CCM)*VIN) (16)
Following is a typical waveform showing the boundary condi-
tion.
Transition Mode Operation
V
IN = 12V, VO = 3.3V, IO = 0.5 A 2 μsec/div
30109014
The inductor internal to the module is 6.8
μH. This value was
chosen as a good balance between low and high input voltage
applications. The main parameter affected by the inductor is
the amplitude of the inductor ripple current (I
LR). ILR can be
calculated with:
I
LR P-P=VO*(VIN- VO)/(6.8µH*fSW*VIN) (17)
Where V
IN is the maximum input voltage and fSW is deter-
mined from equation 10.
If the output current I
O is determined by assuming that IO =
I
L, the higher and lower peak of ILR can be determined. Be
aware that the lower peak of I
LR must be positive if CCM op-
eration is required.
POWER DISSIPATION AND BOARD THERMAL
REQUIREMENTS
For the design case of V
IN = 12V, VO = 3.3V, IO = 3A, TAMB
(MAX) = 85°C , and TJUNCTION = 125°C, the device must see a
thermal resistance from case to ambient of less than:
θ
CA< (TJ-MAX — TAMB(MAX)) / PIC-LOSS - θJC (18)
Given the typical thermal resistance from junction to case to
be 1.9 °C/W .Use the 85°C power dissipation curves in the
Typical Performance Characteristics section to estimate the
P
IC-LOSS for the application being designed. In this application
it is 2.25W
θ
CA< (125 — 85) / 2.25W —1.9 = 15.8
To reach
θ
CA = 15.8, the PCB is required to dissipate heat
effectively. With no airflow and no external heat, a good esti-
mate of the required board area covered by 1 oz. copper on
both the top and bottom metal layers is:
Board Area_cm2 > 500°C x cm2/W /
θ
JC (19)
As a result, approximately 31 square cm of 1 oz copper on
top and bottom layers is required for the PCB design. The
PCB copper heat sink must be connected to the exposed pad.
Approximately thirty six, 10 mils (254
μm) thermal vias spaced
59 mils (1.5 mm) apart must connect the top copper to the
bottom copper. For an example of a high thermal performance
PCB layout, refer to the demo board application note
AN-2024.
PC BOARD LAYOUT GUIDELINES
PC board layout is an important part of DC-DC converter de-
sign. Poor board layout can disrupt the performance of a DC-
DC converter and surrounding circuitry by contributing to EMI,
ground bounce and resistive voltage drop in the traces. These
can send erroneous signals to the DC-DC converter resulting
in poor regulation or instability. Good layout can be imple-
mented by following a few simple design rules.
30109011
1. Minimize area of switched current loops.
From an EMI reduction standpoint, it is imperative to minimize
the high di/dt current paths during PC board layout. The high
current loops that do not overlap have high di/dt content that
will cause observable high frequency noise on the output pin
if the input capacitor C
IN1 is placed a distance away for the
LMZ12003. Therefore physically place C
IN1 asa close as pos-
sible to the LMZ12003 VIN and GND exposed pad. This will
minimize the high di/dt area and reduce radiated EMI. Addi-
tionally, grounding for both the input and output capacitor
should consist of a localized top side plane that connects to
the GND exposed pad (EP).
2. Have a single point ground.
The ground connections for the feedback, soft-start, and en-
able components should be routed to the GND pin of the
device. This prevents any switched or load currents from
flowing in the analog ground traces. If not properly handled,
poor grounding can result in degraded load regulation or er-
ratic output voltage ripple behavior. Provide the single point
ground connection from pin 4 to EP.
3. Minimize trace length to the FB pin.
Both feedback resistors, R
FBT and RFBB, and the feed forward
capacitor C
FF, should be located close to the FB pin. Since
the FB node is high impedance, maintain the copper area as
small as possible. The trace are from R
FBT, RFBB, and CFF
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com