Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IPWT Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS8331IPWT
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IPWT Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS8331IPWT Datasheet HTML 8Page - Texas Instruments ADS8331IPWT Datasheet HTML 9Page - Texas Instruments ADS8331IPWT Datasheet HTML 10Page - Texas Instruments ADS8331IPWT Datasheet HTML 11Page - Texas Instruments ADS8331IPWT Datasheet HTML 12Page - Texas Instruments ADS8331IPWT Datasheet HTML 13Page - Texas Instruments ADS8331IPWT Datasheet HTML 14Page - Texas Instruments ADS8331IPWT Datasheet HTML 15Page - Texas Instruments ADS8331IPWT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
OutputCode
3
2
1
0
1
2
3
-
-
-
4000h
8000h
C000h
FFFFh
0000h
VA=VBD=2.7V
V
=2.500V
REF
OutputCode
3
2
1
0
1
2
3
-
-
-
4000h
8000h
C000h
FFFFh
0000h
VA=VBD=5.0V
V
=4.096V
REF
OutputCode
3
2
1
0
1
2
3
-
-
-
4000h
8000h
C000h
FFFFh
0000h
VA=VBD=2.7V
V
=2.500V
REF
OutputCode
3
2
1
0
1
2
3
-
-
-
4000h
8000h
C000h
FFFFh
0000h
VA=VBD=5.0V
V
=4.096V
REF
VA(V)
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
V
=2.500V
REF
V
=4.096V
REF
VA(V)
500
450
400
350
300
V
=2.500V
REF
V
=4.096V
REF
ADS8331
ADS8332
SBAS363 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: DC Performance
At TA = +25°C, VREF (REF+ – REF–) = 4.096V when VA = VBD = 5V or VREF (REF+ – REF–) = 2.5V when VA = VBD = 2.7V,
fSCLK = 21MHz, and fSAMPLE = 500kSPS, unless otherwise noted.
INTEGRAL LINEARITY ERROR
INTEGRAL LINEARITY ERROR
vs CODE
vs CODE
Figure 5.
Figure 6.
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs CODE
vs CODE
Figure 7.
Figure 8.
ANALOG SUPPLY CURRENT
ANALOG SUPPLY CURRENT IN NAP MODE
vs ANALOG SUPPLY VOLTAGE
vs ANALOG SUPPLY VOLTAGE
Figure 9.
Figure 10.
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com