Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IPWT Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS8331IPWT
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IPWT Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8331IPWT Datasheet HTML 9Page - Texas Instruments ADS8331IPWT Datasheet HTML 10Page - Texas Instruments ADS8331IPWT Datasheet HTML 11Page - Texas Instruments ADS8331IPWT Datasheet HTML 12Page - Texas Instruments ADS8331IPWT Datasheet HTML 13Page - Texas Instruments ADS8331IPWT Datasheet HTML 14Page - Texas Instruments ADS8331IPWT Datasheet HTML 15Page - Texas Instruments ADS8331IPWT Datasheet HTML 16Page - Texas Instruments ADS8331IPWT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
SamplingRate(kHz)
0
50
250
300
350
400
450
8
7
6
5
4
3
2
1
0
100
150
200
VA=VBD=5.0V
V
=4.096V
REF
VA=VBD=2.7V
V
=2.500V
REF
Temperature(°C)
-50
-25
0
25
50
75
100
120
100
80
60
40
20
0
VA=VBD=2.7V
V
=2.500V
REF
VA=VBD=5.0V
V
=4.096V
REF
VA(V)
12.2
11.7
11.2
10.7
10.2
V
=2.500V
REF
V
=4.096V
REF
Temperature( C)
°
-50
-25
0
25
50
75
100
4
3
2
1
0
1
2
3
4
-
-
-
-
VA=VBD=5.0V
V
=4.096V
REF
VA=VBD=2.7V
V
=2.500V
REF
Temperature( C)
°
-50
-25
0
25
50
75
100
6
5
4
3
2
1
0
1
2
3
4
5
6
-
-
-
-
-
-
VA=VBD=5.0V
V
=4.096V
REF
VA=VBD=2.7V
V
=2.500V
REF
Temperature( C)
°
-50
-25
0
25
50
75
100
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
VA=VBD=2.7V
V
=2.500V
REF
VA=VBD=5.0V
V
=4.096V
REF
ADS8331
ADS8332
www.ti.com
SBAS363 – DECEMBER 2009
TYPICAL CHARACTERISTICS: DC Performance (continued)
At TA = +25°C, VREF (REF+ – REF–) = 4.096V when VA = VBD = 5V or VREF (REF+ – REF–) = 2.5V when VA = VBD = 2.7V,
fSCLK = 21MHz, and fSAMPLE = 500kSPS, unless otherwise noted.
ANALOG SUPPLY CURRENT
DEEP POWER-DOWN CURRENT
vs SAMPLING RATE IN AUTO-NAP MODE
vs TEMPERATURE
Figure 11.
Figure 12.
INTERNAL CLOCK FREQUENCY
CHANGE IN GAIN
vs ANALOG SUPPLY VOLTAGE
vs TEMPERATURE
Figure 13.
Figure 14.
CHANGE IN OFFSET
CHANGE IN ANALOG SUPPLY CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 15.
Figure 16.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com