Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C31IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C31IPWR
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C31IPWR Datasheet(HTML) 2 Page - Texas Instruments

  AM26C31IPWR Datasheet HTML 1Page - Texas Instruments AM26C31IPWR Datasheet HTML 2Page - Texas Instruments AM26C31IPWR Datasheet HTML 3Page - Texas Instruments AM26C31IPWR Datasheet HTML 4Page - Texas Instruments AM26C31IPWR Datasheet HTML 5Page - Texas Instruments AM26C31IPWR Datasheet HTML 6Page - Texas Instruments AM26C31IPWR Datasheet HTML 7Page - Texas Instruments AM26C31IPWR Datasheet HTML 8Page - Texas Instruments AM26C31IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AM26C31
SLLS103M – DECEMBER 1990 – REVISED JUNE 2008................................................................................................................................................... www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP (N)
Tube of 25
AM26C31CN
AM26C31CN
Tube of 40
AM26C31CD
SOIC (D)
AM26C31C
0°C to 70°C
Reel of 2500
AM26C31CDR
SOP (NS)
Reel of 2000
AM26C31CNSR
26C31
SSOP (DB)
Reel of 2000
AM26C31CDBR
26C31
PDIP (N)
Tube of 25
AM26C31IN
AM26C31IN
Tube of 40
AM26C31ID
SOIC (D)
AM26C31I
Reel of 2500
AM26C31IDR
–40°C to 85°C
SOP (NS)
Reel of 2000
AM26C31INSR
26C31I
SSOP (DB)
Reel of 2000
AM26C31IDBR
26C31I
TSSOP (PW)
Tube of 90
AM26C31IPW
26C31I
Tube of 40
AM26C31QD
–40°C to 125°C
SOIC (D)
AM26C31QD
Reel of 2500
AM26C31QDR
CDIP (J)
Tube of 25
AM26C31MJ
AM26C31MJ
–55°C to 125°C
CFP (W)
Tube of 150
AM26C31MW
AM26C31MW
LCCC (FK)
Tube of 55
AM26C31MFK
AM26C31MFK
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
FUNCTION TABLE
(Each Driver)(1)
INPUT
ENABLES
OUTPUTS
A
G
G
Y
Z
H
H
X
H
L
L
H
X
L
H
H
X
L
H
L
L
X
L
L
H
X
L
H
Z
Z
(1)
H = High level, L = Low level, X = Irrelevant,
Z = High impedance (off)
2
Submit Documentation Feedback
Copyright © 1990–2008, Texas Instruments Incorporated
Product Folder Link(s): AM26C31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com