Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C31IPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C31IPWR
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C31IPWR Datasheet(HTML) 3 Page - Texas Instruments

  AM26C31IPWR Datasheet HTML 1Page - Texas Instruments AM26C31IPWR Datasheet HTML 2Page - Texas Instruments AM26C31IPWR Datasheet HTML 3Page - Texas Instruments AM26C31IPWR Datasheet HTML 4Page - Texas Instruments AM26C31IPWR Datasheet HTML 5Page - Texas Instruments AM26C31IPWR Datasheet HTML 6Page - Texas Instruments AM26C31IPWR Datasheet HTML 7Page - Texas Instruments AM26C31IPWR Datasheet HTML 8Page - Texas Instruments AM26C31IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1A
G
2A
4A
G
3A
1
4
7
9
12
15
3Y
10
3Z
11
1Y
2
1Z
3
4Y
14
4Z
13
2Y
6
2Z
5
Input
VCC
TYPICAL OF ALL OUTPUTS
Output
VCC
GND
GND
EQUIVALENT OF EACH INPUT
AM26C31
www.ti.com................................................................................................................................................... SLLS103M – DECEMBER 1990 – REVISED JUNE 2008
LOGIC DIAGRAM (POSITIVE LOGIC)
Pin numbers shown are for the D, DB, J, N, NS, PW, and W packages.
SCHEMATICS OF INPUTS AND OUTPUTS
Copyright © 1990–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AM26C31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com