Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04T240FAS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T240FAS
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAS Datasheet(HTML) 5 Page - Texas Instruments

  PTH04T240FAS Datasheet HTML 1Page - Texas Instruments PTH04T240FAS Datasheet HTML 2Page - Texas Instruments PTH04T240FAS Datasheet HTML 3Page - Texas Instruments PTH04T240FAS Datasheet HTML 4Page - Texas Instruments PTH04T240FAS Datasheet HTML 5Page - Texas Instruments PTH04T240FAS Datasheet HTML 6Page - Texas Instruments PTH04T240FAS Datasheet HTML 7Page - Texas Instruments PTH04T240FAS Datasheet HTML 8Page - Texas Instruments PTH04T240FAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
PTH04T240F
www.ti.com ............................................................................................................................................... SLTS293A – DECEMBER 2008 – REVISED MARCH 2009
ELECTRICAL CHARACTERISTICS (continued)
PTH04T240F
TA = 25°C, VI = 5 V, VO = 1.0 V, CI = 220 µF, CO = 1000 µF, and IO = IO max (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH04T240F
UNIT
MIN
TYP
MAX
see table
Capacitance Value
10000
µF
(6) (7)
CO
External output capacitance
w/ TurboTrans
Capacitance × ESR product (CO × ESR)
1000 (7)
10000 (7)
µF×m
Ω
Per Telcordia SR-332, 50% stress,
MTBF
Reliability
4.5
106 Hr
TA = 40°C, ground benign
(6)
1000 µF of external non-ceramic output capacitance is required for basic operation. Adding additional capacitance at the load further
improves transient response. Up to 500 µF of ceramic capacitance may be added in addition to the required non-ceramic capacitance.
See Capacitor Application Information section for more guidance.
(7)
When using TurboTrans™ technology, a minimum value of output capacitance is required for proper operation. Additionally, low ESR
capacitors are required for proper operation. See the application notes for further guidance.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PTH04T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com