Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04T240FAS Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T240FAS
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAS Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTH04T240FAS Datasheet HTML 8Page - Texas Instruments PTH04T240FAS Datasheet HTML 9Page - Texas Instruments PTH04T240FAS Datasheet HTML 10Page - Texas Instruments PTH04T240FAS Datasheet HTML 11Page - Texas Instruments PTH04T240FAS Datasheet HTML 12Page - Texas Instruments PTH04T240FAS Datasheet HTML 13Page - Texas Instruments PTH04T240FAS Datasheet HTML 14Page - Texas Instruments PTH04T240FAS Datasheet HTML 15Page - Texas Instruments PTH04T240FAS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Output Capacitor (Required)
Output Capacitor Information
TurboTrans Output Capacitance
Designing for Fast Load Transients
PTH04T240F
SLTS293A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
The PTH04T240F requires a minimum output capacitance of 1000
µF of aluminum, polymer-aluminum, tantulum,
or polymer-tantalum type.
The required capacitance above the minimum will be determined by actual transient deviation requirements. See
the TurboTrans Technology Application section within this document for specific capacitance selection.
When selecting output capacitors, the main considerations are capacitor type, temperature stability, and ESR.
When using the TurboTrans feature, the capacitance x ESR product should also be considered (see the following
section).
Ceramic output capacitors added for high-frequency bypassing should be located as close as possible to the
load to be effective. Ceramic capacitor values below 10
µF should not be included when calculating the total
output capacitance value.
When the operating temperature is below 0°C, the ESR of aluminum electrolytic capacitors increases. For these
applications, OS-CON, poly-aluminum, and polymer-tantalum types should be considered.
TurboTrans allows the designer to optimize the output capacitance according to the system transient design
requirement. High quality, ultra-low ESR capacitors are required to maximize TurboTrans effectiveness. When
using TurboTrans, the capacitor's capacitance (
µF) × ESR (mΩ) product determines its capacitor type; Type B,
or Type C. These two types are defined as follows:
• Type B = (1000 < capacitance × ESR ≤ 5000) (e.g. polymer-tantalum)
• Type C = (5000 < capacitance × ESR ≤ 10,000) (e.g. OS-CON)
When using more than one type of output capacitor, select the capacitor type that makes up the majority of your
total output capacitance. When calculating the C×ESR product, use the maximum ESR value from the capacitor
manufacturer's datasheet.
Working Examples:
A capacitor with a capacitance of 330
µF and an ESR of 5mΩ, has a C×ESR product of 1650µFxmΩ (330µF ×
5m
Ω). This is a Type B capacitor. A capacitor with a capacitance of 1000
µF and an ESR of 8mΩ, has a C×ESR
product of 8000
µFxmΩ (1000µF × 8mΩ). This is a Type C capacitor.
See the TurboTrans Technology application section within this document for specific capacitance selection.
Table 3 includes a preferred list of capacitors by type and vendor. See the Output Bus / TurboTrans column.
The transient response of the dc/dc converter has been characterized using a load transient with a di/dt of
2.5A/
µs. The typical voltage deviation for this load transient is given in the Electrical Characteristics table using
the minimum required value of output capacitance. As the di/dt of a transient is increased, the response of a
converter’s regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent
limitation with any dc/dc converter once the speed of the transient exceeds its bandwidth capability.
If the target application specifies a higher di/dt or lower voltage deviation, the requirement can only be met with
additional low ESR ceramic capacitor decoupling. Generally, with load steps greater than 100A/
µs, adding
multiple 10
µF ceramic capacitors plus 10×1µF, and numerous high frequency ceramics (≤0.1µF) is all that is
required to soften the transient higher frequency edges. The PCB location of these capacitors in relation to the
load is critical. DSP, FPGA and ASIC vendors identify types, location and amount of capacitance required for
optimum performance. Low impedance buses, unbroken PCB copper planes, and components located as close
as possible to the high-frequency devices are essential for optimizing transient performance.
12
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH04T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com