Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5611APHD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5611APHD
Description  125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5611APHD Datasheet(HTML) 2 Page - Texas Instruments

  TAS5611APHD Datasheet HTML 1Page - Texas Instruments TAS5611APHD Datasheet HTML 2Page - Texas Instruments TAS5611APHD Datasheet HTML 3Page - Texas Instruments TAS5611APHD Datasheet HTML 4Page - Texas Instruments TAS5611APHD Datasheet HTML 5Page - Texas Instruments TAS5611APHD Datasheet HTML 6Page - Texas Instruments TAS5611APHD Datasheet HTML 7Page - Texas Instruments TAS5611APHD Datasheet HTML 8Page - Texas Instruments TAS5611APHD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
16
15
OC_ADJ
14
RESET
13
C_STARTUP
12
INPUT_A
11
INPUT_B
10
VI_CM
9
GND
8
AGND
7
VREG
6
INPUT_C
5
INPUT_D
4
FREQ_ADJ
3
OSC_IO+
2
OSC_IO-
1
SD
64-pins QFP package
33
GND_D
34
GND_C
35
GND_C
36
OUT_C
37
OUT_C
38
PVDD_C
39
PVDD_C
40
BST_C
41
BST_B
42
PVDD_B
43
OUT_B
44
GND_B
45
GND_A
46
47
48
OTW1
PVDD_B
OUT_B
GND_B
PHD PACKAGE
(TOP VIEW)
DKD PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
M3
OC_ADJ
VDD
PSU_REF
M2
M1
READY
OTW
SD
OSC_IO-
OSC_IO+
FREQ_ADJ
INPUT_D
INPUT_C
VREG
AGND
GND
VI_CM
INPUT_B
INPUT_A
C_STARTUP
RESET
GND_C
OUT_A
BST_A
OUT_B
BST_B
PVDD_B
PVDD_A
BST_C
PVDD_C
OUT_C
GND_A
GND_B
OUT_D
PVDD_D
BST_D
GND_D
GVDD_AB
GVDD_CD
PVDD_A
PVDD_D
OUT_D
OUT_A
44 pins PACKAGE
(TOP VIEW)
PIN ONE LOCATION PHD PACKAGE
Pin 1 Marker
White Dot
Electrical Pin 1
TAS5611A
SLAS709 – JUNE 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DEVICE INFORMATION
Terminal Assignment
The TAS5611A is available in two thermally enhanced packages:
•
64-Pin QFP (PHD) Power Package
•
44-Pin PSOP3 package (DKD)
The package types contain heat slugs that are located on the top side of the device for convenient thermal
coupling to the heat sink.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5611A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com