Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5611APHD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5611APHD
Description  125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5611APHD Datasheet(HTML) 3 Page - Texas Instruments

  TAS5611APHD Datasheet HTML 1Page - Texas Instruments TAS5611APHD Datasheet HTML 2Page - Texas Instruments TAS5611APHD Datasheet HTML 3Page - Texas Instruments TAS5611APHD Datasheet HTML 4Page - Texas Instruments TAS5611APHD Datasheet HTML 5Page - Texas Instruments TAS5611APHD Datasheet HTML 6Page - Texas Instruments TAS5611APHD Datasheet HTML 7Page - Texas Instruments TAS5611APHD Datasheet HTML 8Page - Texas Instruments TAS5611APHD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TAS5611A
www.ti.com
SLAS709 – JUNE 2010
MODE SELECTION PINS
MODE PINS
OUTPUT
ANALOG INPUT
DESCRIPTION
CONFIGURATION
M3
M2
M1
0
0
0
Differential
2 × BTL
AD mode
0
0
1
—
—
Reserved
0
1
0
Differential
2 × BTL
BD mode
Differential Single
0
1
1
1 × BTL +2 ×SE
BD mode, BTL Differential
Ended
1
0
0
Single Ended
4 × SE
AD mode
INPUT_C (1)
INPUT_D (1)
1
0
1
Differential
1 × PBTL
0
0
AD mode
1
0
BD mode
1
1
0
Reserved
1
1
1
(1)
INPUT_C and D are used to select between a subset of AD and BD mode operations in PBTL mode (1=VREG and 0=GND).
PACKAGE HEAT DISSIPATION RATINGS
(1)
PARAMETER
TAS5611APHD
TAS5611ADKD
RqJC (°C/W) – 2 BTL or 4 SE channels
3.2
2.1
RqJC (°C/W) – 1 BTL or 2 SE channel(s)
5.4
3.5
RqJC (°C/W) – 1 SE channel
7.9
5.1
Pad Area (2)
64 mm2
80 mm2
(1)
JC is junction-to-case, CH is case-to-heat sink
(2)
RqCH is an important consideration. Assume a 2-mil thickness of thermal grease with a thermal conductivity of 2.5 W/mK between the
pad area and the heat sink and both channels active. The RqCH with this condition is 1.1°C/W for the PHD package and 0.44°C/W for
the DKD package.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
0°C–70°C
TAS5611APHD
64 pin HTQFP
0°C–70°C
TAS5611ADKD
44 pin PSOP3
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS5611A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com