Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5713 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 22Page - Texas Instruments TAS5713 Datasheet HTML 23Page - Texas Instruments TAS5713 Datasheet HTML 24Page - Texas Instruments TAS5713 Datasheet HTML 25Page - Texas Instruments TAS5713 Datasheet HTML 26Page - Texas Instruments TAS5713 Datasheet HTML 27Page - Texas Instruments TAS5713 Datasheet HTML 28Page - Texas Instruments TAS5713 Datasheet HTML 29Page - Texas Instruments TAS5713 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
SCLK
16Clks
LRCLK
LeftChannel
16-BitMode
1
1
15
15
14
14
MSB
LSB
16Clks
RightChannel
2-ChannelI S(PhilipsFormat)StereoInput
2
T0266-01
3
3
2
2
5
5
4
4
9
9
8
8
0
13
13
10
10
11
11
12
12
SCLK
MSB
LSB
23
22
SCLK
32Clks
LRCLK
LeftChannel
24-BitMode
1
19
18
20-BitMode
16-BitMode
15
14
MSB
LSB
32Clks
RightChannel
2-ChannelLeft-JustifiedStereoInput
T0034-02
4
5
9
8
1
4
5
1
0
0
0
23
22
1
19
18
15
14
MSB
LSB
4
5
9
8
1
4
5
1
0
0
0
SCLK
TAS5713
SLOS637 – DECEMBER 2009
www.ti.com
NOTE: All data presented in 2s-complement form with MSB first.
Figure 34. I2S 32-fS Format
Left-Justified
Left-justified (LJ) timing uses LRCLK to define when the data being transmitted is for the left channel and when it
is for the right channel. LRCLK is high for the left channel and low for the right channel. A bit clock running at 32,
48, or 64 × fS is used to clock in the data. The first bit of data appears on the data lines at the same time LRCLK
toggles. The data is written MSB-first and is valid on the rising edge of the bit clock. The DAP masks unused
trailing data bit positions.
NOTE: All data presented in 2s-complement form with MSB first.
Figure 35. Left-Justified 64-fS Format
26
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com