Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5713 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 27Page - Texas Instruments TAS5713 Datasheet HTML 28Page - Texas Instruments TAS5713 Datasheet HTML 29Page - Texas Instruments TAS5713 Datasheet HTML 30Page - Texas Instruments TAS5713 Datasheet HTML 31Page - Texas Instruments TAS5713 Datasheet HTML 32Page - Texas Instruments TAS5713 Datasheet HTML 33Page - Texas Instruments TAS5713 Datasheet HTML 34Page - Texas Instruments TAS5713 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
A6
A5
A4
A3
A2
A1
A0
R/W ACK A7
A6
A5
A4
A3
A2
A1
A0
ACK
D7
D6
D5
D4
D3
D2
D1
D0 ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I CDevice Addressand
2
Read/WriteBit
Subaddress
DataByte
T0036-01
D7
D0 ACK
Stop
Condition
Acknowledge
I CDevice Addressand
2
Read/WriteBit
Subaddress
LastDataByte
A6
A5
A1
A0 R/W ACK A7
A5
A1
A0
ACK D7
ACK
Start
Condition
Acknowledge
Acknowledge
Acknowledge
FirstDataByte
A4
A3
A6
OtherDataBytes
ACK
Acknowledge
D0
D7
D0
T0036-02
TAS5713
www.ti.com
SLOS637 – DECEMBER 2009
During multiple-byte write operations, the DAP compares the number of bytes transmitted to the number of bytes
that are required for each specific subaddress. For example, if a write command is received for a biquad
subaddress, the DAP must receive five 32-bit words. If fewer than five 32-bit data words have been received
when a stop command (or another start command) is received, the received data is discarded.
Supplying a subaddress for each subaddress transaction is referred to as random I2C addressing. The TAS5713
also supports sequential I2C addressing. For write transactions, if a subaddress is issued followed by data for
that subaddress and the 15 subaddresses that follow, a sequential I2C write transaction has taken place, and the
data for all 16 subaddresses is successfully received by the TAS5713. For I2C sequential-write transactions, the
subaddress then serves as the start address, and the amount of data subsequently transmitted, before a stop or
start is transmitted, determines how many subaddresses are written. As was true for random addressing,
sequential addressing requires that a complete set of data be transmitted. If only a partial set of data is written to
the last subaddress, the data for the last subaddress is discarded. However, all other data written is accepted;
only the incomplete data is discarded.
Single-Byte Write
As shown in Figure 42, a single-byte data-write transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. The read/write bit determines the direction of
the data transfer. For a data-write transfer, the read/write bit is a 0. After receiving the correct I2C device address
and the read/write bit, the DAP responds with an acknowledge bit. Next, the master transmits the address byte or
bytes corresponding to the TAS5713 internal memory address being accessed. After receiving the address byte,
the TAS5713 again responds with an acknowledge bit. Next, the master device transmits the data byte to be
written to the memory address being accessed. After receiving the data byte, the TAS5713 again responds with
an acknowledge bit. Finally, the master device transmits a stop condition to complete the single-byte data-write
transfer.
Figure 42. Single-Byte Write Transfer
Multiple-Byte Write
A multiple-byte data-write transfer is identical to a single-byte data-write transfer except that multiple data bytes
are transmitted by the master device to the DAP as shown in Figure 43. After receiving each data byte, the
TAS5713 responds with an acknowledge bit.
Figure 43. Multiple-Byte Write Transfer
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com