Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074ACD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL074ACD
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL074ACD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL074ACD Datasheet HTML 4Page - Texas Instruments TL074ACD Datasheet HTML 5Page - Texas Instruments TL074ACD Datasheet HTML 6Page - Texas Instruments TL074ACD Datasheet HTML 7Page - Texas Instruments TL074ACD Datasheet HTML 8Page - Texas Instruments TL074ACD Datasheet HTML 9Page - Texas Instruments TL074ACD Datasheet HTML 10Page - Texas Instruments TL074ACD Datasheet HTML 11Page - Texas Instruments TL074ACD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±15 V (unless otherwise noted)
TL071M
TL074M
PARAMETER
TEST CONDITIONS†
TA‡
TL071M
TL072M
TL074M
UNIT
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
V
0
R
50
Ω
25
°C
3
6
3
9
mV
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
Full range
9
15
mV
αV
IO
Temperature coefficient of
input offset voltage
VO = 0,
RS = 50 Ω
Full range
18
18
μV/°C
I
Input offset current
V
0
25
°C
5
100
5
100
pA
IIO
Input offset current
VO = 0
Full range
20
20
nA
I
Input bias current‡
V
0
25
°C
65
200
65
200
pA
IIB
Input bias current‡
VO = 0
50
50
nA
VICR
Common-mode input
voltage range
25
°C
±11
−12
to
15
±11
−12
to
15
V
Mi
k
t
t
RL = 10 kΩ
25
°C
±12 ±13.5
±12 ±13.5
VOM
Maximum peak output
voltage swing
RL ≥ 10 kΩ
Full range
±12
±12
V
VOM
voltage swing
RL ≥ 2 kΩ
Full range
±10
±10
A
Large-signal differential
V
±10 V
R
≥ 2kΩ
25
°C
35
200
35
200
V/mV
AVD
Large signal differential
voltage amplification
VO = ±10 V,
RL ≥ 2 kΩ
15
15
V/mV
B1
Unity-gain bandwidth
TA = 25°C
3
3
MHz
ri
Input resistance
TA = 25°C
1012
1012
Ω
CMRR
Common-mode rejection
VIC = VICRmin,
25
°C
80
86
80
86
dB
CMRR
Common mode rejection
ratio
VO = 0,
RS = 50 Ω
25
°C
80
86
80
86
dB
kSVR
Supply-voltage rejection
VCC = ±9 V to ±15 V,
25
°C
80
86
80
86
dB
kSVR
Supply voltage rejection
ratio (
ΔVCC±/ΔVIO)
VO = 0,
RS = 50 Ω
25
°C
80
86
80
86
dB
ICC
Supply current (each
amplifier)
VO = 0,
No load
25
°C
1.4
2.5
1.4
2.5
mA
VO1/VO2
Crosstalk attenuation
AVD = 100
25
°C
120
120
dB
† Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in
Figure 4. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.
‡ All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified. Full range is
TA = −55°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com