Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074ACD Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TL074ACD
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL074ACD Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL074ACD Datasheet HTML 11Page - Texas Instruments TL074ACD Datasheet HTML 12Page - Texas Instruments TL074ACD Datasheet HTML 13Page - Texas Instruments TL074ACD Datasheet HTML 14Page - Texas Instruments TL074ACD Datasheet HTML 15Page - Texas Instruments TL074ACD Datasheet HTML 16Page - Texas Instruments TL074ACD Datasheet HTML 17Page - Texas Instruments TL074ACD Datasheet HTML 18Page - Texas Instruments TL074ACD Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
−75
0.85
TA − Free-Air Temperature − °C
125
1.15
−50
−25
0
25
50
75
100
0.90
0.95
1
1.05
1.10
NORMALIZED SLEW RATE
vs
FREE-AIR TEMPERATURE
VCC± = ±15 V
RL = 2 kΩ
CL = 100 pF
Figure 19
10
0
f − Frequency − Hz
100 k
50
10
20
30
40
VCC± = ±15 V
AVD = 10
RS = 20 Ω
TA = 25°C
40 100
400 1 k
4 k 10 k
40 k
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
Figure 20
0.001
1
40 k
10 k
4 k
1 k
400
100 k
f − Frequency − Hz
100
0.004
0.01
0.04
0.1
0.4
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
VCC± = ±15 V
AVD = 1
VI(RMS) = 6 V
TA = 25°C
Figure 21
−6
t − Time −
μs
3.5
6
0
0.5
1
1.5
2
2.5
3
−4
−2
0
2
4
Output
Input
VCC± = ±15 V
RL = 2 kΩ
TA = 25°C
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com