Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC4245APWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC4245APWR
Description  OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC4245APWR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC4245APWR Datasheet HTML 1Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 2Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 3Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 4Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 5Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 6Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 7Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 8Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
Recommended Operating Conditions
(1)
SN74LVC4245A
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER
WITH 3-STATE OUTPUTS
SCAS375H – MARCH 1994 – REVISED MARCH 2005
over operating free-air temperature range for V
CCB = 2.7 V to 3.6 V (unless otherwise noted)
MIN
MAX
UNIT
VCCB
Supply voltage range
–0.5
4.6
V
VI
Input voltage range
B port(2)
–0.5
VCCB + 0.5
V
VO
Output voltage range
B port(2)
–0.5
VCCB + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCCB or GND
±100
mA
DB package
63
θ
JA
Package thermal impedance(3)
DW package
46
°C/W
PW package
88
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This value is limited to 4.6 V maximum.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
for V
CCA = 4.5 V to 5.5 V
MIN
MAX
UNIT
VCCA
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VIA
Input voltage
0
VCCA
V
VOA
Output voltage
0
VCCA
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
24
mA
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at the associated VCC or GND to ensure proper device operation. Refer to the TI
application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
for V
CCB = 2.7 V to 3.6 V
MIN
MAX
UNIT
VCCB
Supply voltage
2.7
3.6
V
VIH
High-level input voltage
VCCB = 2.7 V to 3.6 V
2
V
VIL
Low-level input voltage
VCCB = 2.7 V to 3.6 V
0.8
V
VIB
Input voltage
0
VCCB
V
VOB
Output voltage
0
VCCB
V
VCCB = 2.7 V
–12
IOH
High-level output current
mA
VCCB = 3 V
–24
VCCB = 2.7 V
12
IOL
Low-level output current
mA
VCCB = 3 V
24
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at the associated VCC or GND to ensure proper device operation. Refer to the TI
application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com