Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC4245APWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC4245APWR
Description  OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC4245APWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC4245APWR Datasheet HTML 1Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 2Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 3Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 4Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 5Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 6Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 7Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 8Page - Texas Instruments SN74LVC4245APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
(5 V) VCCA
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
GND
VCCB (3.3 V)
VCCB (3.3 V)
OE
B1
B2
B3
B4
B5
B6
B7
B8
GND
SN74LVC4245A
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER
WITH 3-STATE OUTPUTS
SCAS375H – MARCH 1994 – REVISED MARCH 2005
•
Bidirectional Voltage Translator
•
5.5 V on A Port and 2.7 V to 3.6 V on B Port
•
Control Inputs VIH/VIL Levels Are Referenced
to VCCA Voltage
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This
8-bit
(octal)
noninverting
bus
transceiver
contains two separate supply rails; B port has VCCB,
which is set at 3.3 V, and A port has VCCA, which is
set at 5 V. This allows for translation from a 3.3-V to
a 5-V environment, and vice versa.
<br/>
The SN74LVC4245A is designed for asynchronous communication between data buses. The device transmits
data from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the
direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so the buses are
effectively isolated. The control circuitry (DIR, OE) is powered by V
CCA.
The SN74LVC4245A pinout allows the designer to switch to a normal all-3.3-V or all-5-V 20-pin '245 device
without board re-layout. The designer uses the data paths for pins 2–11 and 14–23 of the SN74LVC4245A to
align with the conventional '245 pinout.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 25
SN74LVC4245ADW
SOIC – DW
LVC4245A
Reel of 2000
SN74LVC4245ADWR
SSOP – DB
Reel of 2000
SN74LVC4245ADBR
LJ245A
–40
°C to 85°C
Tube of 60
SN74LVC4245APW
TSSOP – PW
Reel of 2000
SN74LVC4245APWR
LJ245A
Reel of 250
SN74LVC4245APWT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OPERATION
OE
DIR
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC4245APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245APWR TI-SN74LVC4245APWR Datasheet
215Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245APWR TI-SN74LVC4245APWR Datasheet
366Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245APWR TI2-SN74LVC4245APWR Datasheet
910Kb / 26P
SN74LVC4245A Octal Bus Transceiver and 3.3-V to 5-V Shifter With 3-State Outputs
REVISED DECEMBER 2022
SN74LVC4245APWR.A TI2-SN74LVC4245APWR.A Datasheet
910Kb / 26P
SN74LVC4245A Octal Bus Transceiver and 3.3-V to 5-V Shifter With 3-State Outputs
REVISED DECEMBER 2022
SN74LVC4245APWR.B TI2-SN74LVC4245APWR.B Datasheet
910Kb / 26P
SN74LVC4245A Octal Bus Transceiver and 3.3-V to 5-V Shifter With 3-State Outputs
REVISED DECEMBER 2022
More results

Similar Description - SN74LVC4245APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A Datasheet
110Kb / 11P
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Texas Instruments
SN74LVC4245A-EP TI-SN74LVC4245A-EP Datasheet
201Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_07 Datasheet
366Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A_05 Datasheet
92Kb / 9P
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
HD74LVC4245A RENESAS-HD74LVC4245A_15 Datasheet
118Kb / 11P
Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Texas Instruments
SN74LVC4245A-EP TI1-SN74LVC4245A-EP_15 Datasheet
513Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVT245BB DIODES-74LVT245BB Datasheet
495Kb / 10P
3.3 V OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS
June 2016
logo
Texas Instruments
SN74LV8T245 TI-SN74LV8T245_V01 Datasheet
1Mb / 26P
SN74LV8T245 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
SN74LV8T245 TI-SN74LV8T245_V02 Datasheet
1Mb / 31P
SN74LV8T245 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com