Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS3238CPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3238CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3238CPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRS3238CPWR Datasheet HTML 3Page - Texas Instruments TRS3238CPWR Datasheet HTML 4Page - Texas Instruments TRS3238CPWR Datasheet HTML 5Page - Texas Instruments TRS3238CPWR Datasheet HTML 6Page - Texas Instruments TRS3238CPWR Datasheet HTML 7Page - Texas Instruments TRS3238CPWR Datasheet HTML 8Page - Texas Instruments TRS3238CPWR Datasheet HTML 9Page - Texas Instruments TRS3238CPWR Datasheet HTML 10Page - Texas Instruments TRS3238CPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
RECEIVER SECTION
Electrical Characteristics
(1)
Switching Characteristics
(1)
TRS3238
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS817 – JULY 2007
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA
VCC – 0.6
VCC – 0.1
V
VOL
Low-level output voltage
IOH = 1.6 mA
0.4
V
VCC = 3.3 V
1.5
2.4
VIT+
Positive-going input threshold voltage
V
VCC = 5 V
1.8
2.4
VCC = 3.3 V
0.6
1.2
VIT–
Negative-going input threshold voltage
V
VCC = 5 V
0.8
1.5
Vhys
Input hysteresis (VIT+ – VIT– )
0.3
V
Ioff
Output leakage current (except ROUT1B)
FORCEOFF = 0 V
±0.05
±10
μA
rI
Input resistance
VI = ±3 V to ±25 V
3
5
7
k
Ω
(1)
Testing supply conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.15 V; C1–C4 = 0.22 μF at VCC = 3.3 V ± 0.3 V; and C1 = 0.047 μF
and C2–C4 = 0.33
μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP(2)
UNIT
Propagation delay time, low- to high-level
tPLH
CL = 150 pF,
See Figure 3
150
ns
output
Propagation delay time, high- to low-level
tPHL
CL = 150 pF,
See Figure 3
150
ns
output
CL = 150 pF,
RL = 3 kΩ,
ten
Output enable time
200
ns
See Figure 4
tdis
Output disable time
CL = 150 pF,
RL = 3 kΩ, See Figure 4
200
ns
tsk(p)
Pulse skew(3)
See Figure 3
50
ns
(1)
Testing supply conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.15 V; C1–C4 = 0.22 μF at VCC = 3.3 V ± 0.3 V; and C1 = 0.047 μF
and C2–C4 = 0.33
μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com