Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS3238CPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3238CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3238CPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRS3238CPWR Datasheet HTML 4Page - Texas Instruments TRS3238CPWR Datasheet HTML 5Page - Texas Instruments TRS3238CPWR Datasheet HTML 6Page - Texas Instruments TRS3238CPWR Datasheet HTML 7Page - Texas Instruments TRS3238CPWR Datasheet HTML 8Page - Texas Instruments TRS3238CPWR Datasheet HTML 9Page - Texas Instruments TRS3238CPWR Datasheet HTML 10Page - Texas Instruments TRS3238CPWR Datasheet HTML 11Page - Texas Instruments TRS3238CPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
AUTO-POWERDOWN PLUS SECTION
Electrical Characteristics
Switching Characteristics
TRS3238
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS817 – JULY 2007
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Receiver input threshold for
VT+(valid)
FORCEON = GND,
FORCEOFF = VCC
2.7
V
INVALID high-level output voltage
Receiver input threshold for
VT–(valid)
FORCEON = GND,
FORCEOFF = VCC
–2.7
V
INVALID high-level output voltage
Receiver input threshold for
VT(invalid)
FORCEON = GND,
FORCEOFF = VCC
–0.3
0.3
V
INVALID low-level output voltage
IOH = –1 mA,
FORCEON = GND,
VOH
INVALID high-level output voltage
VCC – 0.6
V
FORCEOFF = VCC
IOH = 1.6 mA,
FORCEON = GND,
VOL
INVALID low-level output voltage
0.4
V
FORCEOFF = VCC
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
MIN
TYP(1)
MAX
UNIT
tvalid
Propagation delay time, low- to high-level output
0.1
μs
tinvalid
Propagation delay time, high- to low-level output
50
μs
ten
Supply enable time
25
μs
tdis
Receiver or driver edge to auto-powerdown plus
15
30
60
s
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com