Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE706PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PW
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCE706PW Datasheet HTML 2Page - Texas Instruments CDCE706PW Datasheet HTML 3Page - Texas Instruments CDCE706PW Datasheet HTML 4Page - Texas Instruments CDCE706PW Datasheet HTML 5Page - Texas Instruments CDCE706PW Datasheet HTML 6Page - Texas Instruments CDCE706PW Datasheet HTML 7Page - Texas Instruments CDCE706PW Datasheet HTML 8Page - Texas Instruments CDCE706PW Datasheet HTML 9Page - Texas Instruments CDCE706PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
RECOMMENDED CRYSTAL SPECIFICATIONS
EEPROM SPECIFICATION
TIMING REQUIREMENTS
DEVICE CHARACTERISTICS
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
MIN
NOM
MAX
UNIT
fXtal
Crystal input frequency range (fundamental mode)
8
27
54
MHz
ESR
Effective series resistance(1)(2)
15
60
Ω
CIN
Input capacitance CLK_IN0 and CLK_IN1
3
pF
(1)
For crystal frequencies above 50 MHz, the effective series resistor should not exceed 50
Ω to assure stable start-up condition.
(2)
For maximum power handling (drive level), see Figure 15.
MIN
TYP
MAX
UNIT
EEcyc
Programming cycles of EEPROM
100
1000
Cycles
EEret
Data retention
10
Years
over recommended ranges of supply voltage, load, and operating-free air temperature
MIN
NOM
MAX
UNIT
CLK_IN REQUIREMENTS
PLL mode
1
200
fCLK_IN
CLK_IN clock input frequency (LVCMOS or differential)
MHz
PLL bypass mode
0
200
tr/tf
Rise and fall time, CLK_IN signal (20% to 80%)
4
ns
dutyREF
Duty cycle, CLK_IN at VCC/2
40%
60%
SMBus TIMING REQUIREMENTS (see Figure 11)
fSCLK
SCLK frequency
100
kHz
th(START)
START hold time
4
µs
tw(SCLL)
SCLK low-pulse duration
4.7
µs
tw(SCLH)
SCLK high-pulse duration
4
50
µs
tsu(START)
START setup time
0.6
µs
th(SDATA)
SDATA hold time
0.3
µs
tsu(SDATA)
SDATA setup time
0.25
µs
tr(SDATA)/
SCLK/SDATA input rise time
1000
ns
tr(SM)
tf(SDATA)/
SCLK/SDATA input fall time
300
ns
tf(SM)
tsu(STOP)
STOP setup time
4
µs
t(BUS)
Bus free time
4.7
µs
t(POR)
Time in which the device must be operational after power-on reset
500
ms
over recommended operating free-air temperature range and test load (unless otherwise noted), see Figure 1
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
OVERALL PARAMETER
All PLLs on, all outputs on,
ICC
Supply current(2)
fOUT = 80 MHz, fCLK_IN = 27 MHz,
90
115
mA
fVCO = 160 MHz
Every circuit powered down except SMBus,
ICCPD
Power-down current
50
µA
fIN = 0 MHz, VCC = 3.6 V
Supply voltage VCC threshold for power-up
VPUC
2.1
V
control circuit
(1)
All typical values are at nominal VCC.
(2)
For calculating total supply current, add the current from Figure 2, Figure 3, and Figure 4. Using the high-speed mode of the VCO
reduces the current consumption. See Figure 3.
6
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com