Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE706PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PW
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PW Datasheet(HTML) 2 Page - Texas Instruments

  CDCE706PW Datasheet HTML 1Page - Texas Instruments CDCE706PW Datasheet HTML 2Page - Texas Instruments CDCE706PW Datasheet HTML 3Page - Texas Instruments CDCE706PW Datasheet HTML 4Page - Texas Instruments CDCE706PW Datasheet HTML 5Page - Texas Instruments CDCE706PW Datasheet HTML 6Page - Texas Instruments CDCE706PW Datasheet HTML 7Page - Texas Instruments CDCE706PW Datasheet HTML 8Page - Texas Instruments CDCE706PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
DESCRIPTION (CONTINUED)
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PLL2 also supports center- and down-spread-spectrum clocking (SSC). This is a common technique to reduce
electromagnetic interference. Also, the slew-rate controllable (SRC) output edges minimize EMI noise.
Based on the PLL frequency and the divider settings, the internal loop filter components are automatically
adjusted to achieve the high stability and optimized jitter transfer characteristic of the PLL.
The device supports nonvolatile EEPROM programming for easily customized application. The device is
preprogrammed with a factory default configuration (see Figure 13) and can be reprogrammed to a different
application configuration before it goes onto the PCB or reprogrammed by in-system programming. A different
device setting is programmed via the serial SMBus interface.
Two free programmable inputs, S0 and S1, can be used to control for each application the most demanding logic
control settings (outputs disable to low, outputs 3-state, power down, PLL bypass, etc).
The CDCE706 has three power-supply pins, VCC, VCCOUT1, and VCCOUT2. VCC is the power supply for the device.
It operates from a single 3.3-V supply voltage. VCCOUT1 and VCCOUT2 are the power supply pins for the outputs.
VCCOUT1 supplies the outputs Y0 and Y1, and VCCOUT2 supplies the outputs Y2, Y3, Y4, and Y5. Both output
supplies can be 2.3 V to 3.6 V. At output voltages lower than 3.3 V, the output drive current is limited.
The CDCE706 is characterized for operation from –40°C to 85°C.
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com